Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M27C400 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M27C400
Description  4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C400 Datasheet(HTML) 3 Page - STMicroelectronics

  M27C400 Datasheet HTML 1Page - STMicroelectronics M27C400 Datasheet HTML 2Page - STMicroelectronics M27C400 Datasheet HTML 3Page - STMicroelectronics M27C400 Datasheet HTML 4Page - STMicroelectronics M27C400 Datasheet HTML 5Page - STMicroelectronics M27C400 Datasheet HTML 6Page - STMicroelectronics M27C400 Datasheet HTML 7Page - STMicroelectronics M27C400 Datasheet HTML 8Page - STMicroelectronics M27C400 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
M27C400
Table 2. Absolute Maximum Ratings (1)
Note: 1. Except for the rating “Operating Temperature Range”, stresses above those listed in the Table “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual-
ity documents.
2. Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period less than 20ns. Maximum DC
voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less than 20ns.
3. Depends on range.
Table 3. Operating Modes
Note: X = VIH or VIL, VID = 12V ± 0.5V.
Table 4. Electronic Signature
Note: Outputs Q15-Q8 are set to '0'.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature (3)
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
Input or Output Voltage (except A9)
–2 to 7
V
VCC
Supply Voltage
–2 to 7
V
VA9
(2)
A9 Voltage
–2 to 13.5
V
VPP
Program Supply Voltage
–2 to 14
V
Mode
E
G
BYTEVPP
A9
Q7-Q0
Q14-Q8
Q15A–1
Read Word-wide
VIL
VIL
VIH
X
Data Out
Data Out
Data Out
Read Byte-wide Upper
VIL
VIL
VIL
X
Data Out
Hi-Z
VIH
Read Byte-wide Lower
VIL
VIL
VIL
X
Data Out
Hi-Z
VIL
Output Disable
VIL
VIH
X
X
Hi-Z
Hi-Z
Hi-Z
Program
VIL Pulse
VIH
VPP
X
Data In
Data In
Data In
Verify
VIH
VIL
VPP
X
Data Out
Data Out
Data Out
Program Inhibit
VIH
VIH
VPP
X
Hi-Z
Hi-Z
Hi-Z
Standby
VIH
X
X
X
Hi-Z
Hi-Z
Hi-Z
Electronic Signature
VIL
VIL
VIH
VID
Codes
Codes
Code
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s Code
VIL
00100000
20h
Device Code
VIH
10110010
B2h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com