Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI74FCT573CTS Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT573CTS
Description  Octal Transparent Latches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT573CTS Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT573CTS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT573CTS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT573CTS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT573CTS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT573CTS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT573CTS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT573CTS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT573CTS Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74FCT573CTS Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PI74FCT373T
PI74FCT573T
OCTAL TRANSPARENT LATCHES
5
PS2015E
04/12/07
PI74FCT373T Switching Characteristics over Operating Range
373T
373AT
373CT
373DT
Com.
Com.
Com.
Com.
Parameters
Description
Conditions
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPLH
PropagationDelay(1)
CL = 50 pF
1.5
8.0
1.5
5.2
1.5
4.2
1.5
3.8
ns
tPHL
DN toON
RL = 500
Ω
tPLH
PropagationDelay(1)
2.0
13.0
2.0
8.5
2.0
5.5
1.5
4.9
ns
tPHL
LEtoON
tPZH
OutputEnableTime
1.5
12.0
1.5
6.5
1.5
5.5
1.5
5.5
ns
tPZL
OEtoON
tPHZ
OutputDisableTime(2)
1.5
7.5
1.5
5.5
1.5
5.0
1.5
5.0
ns
tPLZ
OEtoON
tSU
SetupTimeHIGHor
2.0
2.0
2.0
2.0
ns
LOW,DNtoLE
tH
HoldTimeHIGHor
1.5
1.5
1.5
1.5
ns
LOW,DNtoLE
tW
LEPulseWidth(2)
6.0
5.0
5.0
4.0
ns
HIGH
Notes:
1. Minimum limits are guaranteed but not tested on Propagation Delays.
2. This parameter guaranteed but not production tested.
PI74FCT573T Switching Characteristics over Operating Range
573T
573AT
573CT
573DT
Com.
Com.
Com.
Com.
Parameters
Description
Conditions
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPLH
PropagationDelay(1)
CL = 50 pF
1.5
8.0
1.5
5.2
1.5
4.2
1.5
3.8
ns
tPHL
DN to ON
RL = 500
Ω
tPLH
PropagationDelay(1)
2.0
12.0
2.0
8.5
2.0
5.5
2.0
4.9
ns
tPHL
LEtoON
tPZH
OutputEnableTime
1.5
9.5
1.5
6.5
1.5
5.5
1.5
5.5
ns
tPZL
OEtoON
tPHZ
OutputDisableTime(2)
1.5
6.5
1.5
5.5
1.5
5.0
1.5
5.0
ns
tPLZ
OEtoON
tSU
SetupTimeHIGHor
2.0
2.0
2.0
1.5
ns
LOW,DNtoLE
tH
HoldTimeHIGHor
1.5
1.5
1.5
1.0
ns
LOW,DNtoLE
tW
LEPulseWidth(2)
6.0
5.0
5.0
3.0
ns
HIGH
Notes:
1. Minimum limits are guaranteed but not tested on Propagation Delays.
2. This parameter guaranteed but not production tested.
06-0218



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com