Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8191925 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8191925
Description  Ball valve unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8191925 Datasheet(HTML) 1 Page - Festo Corporation.

  8191925 Datasheet HTML 1Page - Festo Corporation. 8191925 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ball valve unit
VAPB-A-2 1/2-F-25-F07-PA60
Part number: 8191925
General operating condition
Data sheet
Feature
Value
Structural design
Quarter turn actuator
Actuation type
Pneumatic
Sealing principle
Soft
Mounting position
Any
Type of mounting
Line installation
Fitting connection
Rp2 1/2
Switching position indication
Slot direction = flow direction
Flange hole pattern
F07
Nominal width DN
63
Valve function
2/2
Flow direction
Reversible
Operating pressure
0.55 MPa ... 0.8 MPa
Operating pressure
5.5 bar ... 8 bar
Operating pressure
79.75 psi ... 116 psi
Nominal pressure of fitting PN
25
Breakaway torque at differential pressure, nominal pressure, fitting PN
45 Nm
Based on norm
EN 10226-1
ISO 5211
Symbol
00991921
Medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Inert gas
Water – no water vapor
Neutral liquids
Other flow media on request
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-10 °C ... 200 °C
Flow rate Kv
535 m³/h
Note on materials
RoHS-compliant
LABS (PWIS) conformity
VDMA24364 zone III
Housing material
Brass, nickel-plated
Material number of housing
2.0402
CW617N
Seat seal material
PTFE
4/6/26 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8191925

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8191920 FESTO-8191920 Datasheet
78Kb / 2P
Ball valve unit
8191921 FESTO-8191921 Datasheet
78Kb / 2P
Ball valve unit
8191922 FESTO-8191922 Datasheet
78Kb / 2P
Ball valve unit
8191923 FESTO-8191923 Datasheet
78Kb / 2P
Ball valve unit
8191924 FESTO-8191924 Datasheet
78Kb / 2P
Ball valve unit
More results

Similar Description - 8191925

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VZPR-BPD-22-R2 FESTO-VZPR-BPD-22-R2 Datasheet
91Kb / 1P
Ball valve actuator unit
VZPR-BPD-22-R38 FESTO-VZPR-BPD-22-R38 Datasheet
92Kb / 1P
Ball valve actuator unit
1774103 FESTO-1774103 Datasheet
111Kb / 2P
Ball valve actuator unit
1774109 FESTO-1774109 Datasheet
111Kb / 2P
Ball valve actuator unit
1914792 FESTO-1914792 Datasheet
101Kb / 2P
Ball valve actuator unit
11/19/21
1915076 FESTO-1915076 Datasheet
101Kb / 2P
Ball valve actuator unit
11/19/21
1809657 FESTO-1809657 Datasheet
104Kb / 2P
Ball valve actuator unit
11/18/21
1810732 FESTO-1810732 Datasheet
99Kb / 2P
Ball valve actuator unit
11/18/21
1810735 FESTO-1810735 Datasheet
99Kb / 2P
Ball valve actuator unit
11/18/21
1913367 FESTO-1913367 Datasheet
93Kb / 2P
Ball valve actuator unit
11/22/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com