Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP4P20Y Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP4P20Y
Description  -200V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4P20Y Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP4P20Y Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4P20Y Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4P20Y Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4P20Y Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4P20Y Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4P20Y Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4P20Y Datasheet HTML 7Page - A POWER MICROELECTRONICS AP4P20Y Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP4P20DIY
-200V P-Channel Enhancement Mode MOSFET
AP4P20D/Y REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250µA
- 200
-233
-
V
ΔVDS/TJ
VDS Temperature Coefficient
Reference to 25 °C, ID=-1 mA
-
- 0.22
-
V/°C
VGS(th)
Gate-Source Threshold Voltage
VDS=VGS, ID=-250µA
- 2.0
3.0
- 4.0
V
RDS(on)
Drain-Source On-State Resistance
VGS=-10 V ID=-2Ab
-
1.4
1.7
Ω
RDS(on)
Drain-Source On-State Resistance
VGS=-5.5V ID=-1Ab
-
1.8
2.5
Ω
IGSS
Gate-Source Leakage
VGS=±20V
-
-
± 100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=-200V, VGS=0V
-
-
- 100
µA
VDS = - 160 V, VGS = 0 V, TJ = 125 °C
-
-
- 500
gfs
Forward Transconductance
VDS = - 50 V, ID = - 2.2 A
1.1
-
-
S
Ciss
Input Capacitance
VGS=0V,
VDS=-25 V, f=1.0MHz,
-
340
-
pF
Coss
Output Capacitance
-
110
-
Crss
Reverse Transfer Capacitance
-
33
-
Qg
Total Gate Charge
ID=-3.9A, VDS=-160V VGS=-10 V
-
-
20
nC
Qgs
Gate-Source Charge
-
-
3.3
Qgd
Gate-Drain Charge
-
-
11
td(on)
Turn-On Delay Time
VDD=-100V, ID=- 3.9A, RG=18Ω,
RD = 24 Ω
-
8.8
-
ns
tr
Rise Time
-
27
-
td(off)
Turn-Off Delay Time
-
7.3
-
tf
Fall Time
-
19
-
IS
Continuous Source-Drain Diode Current
VG=VD=0V , Force Current
-
-
-3.6
A
ISM
Pulsed Diode Forward Currenta
-
-
- 14
VSD
Body Diode Voltage
TJ=25°C, IS=-3.6A, VGS=0V
-
-
- 1.3
V
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is TJ = 25°C, L=0.3mH, RG=25Ω, VDD=50V,VGS=10V
4、The ISD=40A,di/dt≤100A/us, VDD≤BVDS, Start TJ=25
℃
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com