Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP5G10S Datasheet(PDF) 3 Page - A POWER MICROELECTRONICS

Part # AP5G10S
Description  100V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP5G10S Datasheet(HTML) 3 Page - A POWER MICROELECTRONICS

  AP5G10S Datasheet HTML 1Page - A POWER MICROELECTRONICS AP5G10S Datasheet HTML 2Page - A POWER MICROELECTRONICS AP5G10S Datasheet HTML 3Page - A POWER MICROELECTRONICS AP5G10S Datasheet HTML 4Page - A POWER MICROELECTRONICS AP5G10S Datasheet HTML 5Page - A POWER MICROELECTRONICS AP5G10S Datasheet HTML 6Page - A POWER MICROELECTRONICS AP5G10S Datasheet HTML 7Page - A POWER MICROELECTRONICS AP5G10S Datasheet HTML 8Page - A POWER MICROELECTRONICS AP5G10S Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP5G10S
100V N+P-Channel Enhancement Mode MOSFET
AP5G10S RVE1.0
永源微電子科技有限公司
P-Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250μA
-100
117
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = -100V, VGS = 0V
-
-
1
μA
IGSS
Gate to Body Leakage Current
VDS = 0V, VGS = ±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250μA
-1.2
-1.85
-2.5
V
RDS(on)
Static Drain-Source On-Resistance note1
VGS = -10V, ID = -5A
-
250
300
mΩ
VGS = -4.5V, ID = -3A
-
260
340
Ciss
Input Capacitance
VDS = -50V, VGS = 0V,
f = 1.0MHz
-
760
-
pF
Coss
Output Capacitance
-
25
-
pF
Crss
Reverse Transfer Capacitance
-
12
-
pF
Qg
Total Gate Charge
VDD = -50V, ID = -5A,
VGS = -10V
-
11.5
-
nC
Qgs
Gate-Source Charge
-
1.3
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
2.9
-
nC
td(on)
Turn-On Delay Time
VDS = -50V, ID = -5A
RG=4.5Ω, RL=25Ω
VGEN = - 10 V
-
12
-
ns
tr
Turn-On Rise Time
-
5
-
ns
td(off)
Turn-Off Delay Time
-
35
-
ns
tf
Turn-Off Fall Time
-
20
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
-12.8
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS =-1A
-
-
-1.3
V
trr
Reverse Recovery Time
VGS = 0V, Isd= -3A, di/dt
=100A/μs
-
25
-
nS
Qrr
Reverse Recovery Charge
-
20
-
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The power dissipation is limited by 175
℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com