Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6910G Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6910G
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910G Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6910G Datasheet HTML 6Page - STMicroelectronics L6910G Datasheet HTML 7Page - STMicroelectronics L6910G Datasheet HTML 8Page - STMicroelectronics L6910G Datasheet HTML 9Page - STMicroelectronics L6910G Datasheet HTML 10Page - STMicroelectronics L6910G Datasheet HTML 11Page - STMicroelectronics L6910G Datasheet HTML 12Page - STMicroelectronics L6910G Datasheet HTML 13Page - STMicroelectronics L6910G Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
L6910G
10/26
Figure 10. Compensation Network
The compensation network consists in the internal error amplifier and the impedance networks ZIN (R3, R4 and
C20) and ZFB (R5, C18 and C19). The compensation network has to provide a closed loop transfer function with
the highest 0dB crossing frequency to have fast response (but always lower than fsw/10) and the highest gain
in DC conditions to minimize the load regulation.
A stable control loop has a gain crossing with -20dB/decade slope and a phase margin greater than 45°. Include
worst-case component variations when determining phase margin.
To locate poles and zeroes of the compensation networks, the following suggestions may be used:
Modulator singularity frequencies:
Compensation network singularity frequency:
– Put the gain R5/R3 in order to obtain the desired converter bandwidth;
– Place
ωZ1 before the output filter resonance ωLC;
– Place
ωZ2 at the output filter resonance ωLC;
– Place
ωP1 at the output capacitor ESR zero ωESR;
– Place
ωP2 at one half of the switching frequency;
– Check the loop gain considering the error amplifier open loop gain.
+
-
L
PWM
COMPARATOR
ESR
COUT
VOUT
VCOMP
EAREF
∆V
OSC
VIN
R3
C19
R5
C18
C20
R4
D03IN1512
ω
LC
1
LC
OUT
⋅
---------------------------
ω
ESR
1
ESR C
OUT
⋅
---------------------------------
==
ω
P1
1
R5
C18 C19
⋅
C18
C19
+
-----------------------------


⋅
-----------------------------------------------
ω
P2
1
R4 C20
⋅
------------------------
==
ω
Z1
1
R5 C19
⋅
------------------------
ω
Z2
1
R3
R4
+
() C20
⋅
-------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com