Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP6G02LI Datasheet(PDF) 3 Page - A POWER MICROELECTRONICS

Part # AP6G02LI
Description  20V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP6G02LI Datasheet(HTML) 3 Page - A POWER MICROELECTRONICS

  AP6G02LI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP6G02LI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP6G02LI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP6G02LI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP6G02LI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP6G02LI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP6G02LI Datasheet HTML 7Page - A POWER MICROELECTRONICS AP6G02LI Datasheet HTML 8Page - A POWER MICROELECTRONICS AP6G02LI Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP6G02LI
20V N+P-Channel Enhancement Mode MOSFET
AP6G02LI REV1.0
永源微電子科技有限公司
P-Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
V(BR)DSS
Drain-Source Breakdown Voltage
ID = -250µA, VGS = 0V
-20
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = -20V, VGS = 0V
-
-
1.0
µA
IGSS
Gate-Body Leakage Current
VDS = 0V, VGS = ±12V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250µA
-0.5
-0.7
-1.0
V
RDS(ON)
Static Drain-Source ON-Resistance(3)
VGS = -4.5V, ID = -4A
-
35
40
mΩ
VGS = -2.5V, ID = -3A
-
40
66
mΩ
Ciss
Input Capacitance
VGS = 0V, VDS = -10V,
f = 1MHz
-
534
-
pF
Coss
Output Capacitance
-
62
-
pF
Crss
Reverse Transfer Capacitance
-
50
-
pF
Qg
Total Gate Charge
VGS = 0 to -4.5V VDS = -10V,
ID = -2A
-
5.6
-
nC
Qgs
Gate Source Charge
-
1
-
nC
Qgd
Gate Drain("Miller") Charge
-
1
-
nC
td(on)
Turn-On DelayTime
VGS = -4.5V, VDD = -10V
ID= -2A, RGEN = 3Ω
-
5
-
ns
tr
Turn-On Rise Time
-
21
-
ns
td(off)
Turn-Off DelayTime
-
110
-
ns
tf
Turn-Off Fall Time
-
239
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
-3
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
-12
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS = -4.2A
-
-
-1.2
V
trr
Body Diode Reverse Recovery Time
IF = -2A, di/dt = 100A/us
-
64
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
10
-
nC
Note :
1
、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3
、The power dissipation is limited by 150℃ junction temperature
4
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com