Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C10893_GT3-XP-W Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10893_GT3-XP-W
Description  GT3-XP lenses for Cree XP-E/C series of LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10893_GT3-XP-W Datasheet(HTML) 1 Page - Ledil, Inc.

  C10893_GT3-XP-W Datasheet HTML 1Page - Ledil, Inc. C10893_GT3-XP-W Datasheet HTML 2Page - Ledil, Inc. C10893_GT3-XP-W Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LEDIL F’FORM OPTICS
© Ledil Oy – PRELIMINARY - Subject to change without prior notice
Ledil Oy
www.ledil.com
Tehdaskatu 13
email: ledil@ledil.com
FIN-24100 SALO, Finland
FAX: +358-2-733 8001
2010-02-17
GT3-XP lenses for Cree XP-E/C series of LEDs
-
Specially designed for Cree XP-E series of LEDs.
-
Special care taken to make a uniform white or warm white illumination. Lenses work
well with other colors, too.
-
Lens material optical grade PMMA. Allows use of high current and temperature
conditions
-
Best available optical efficiency, up to 90%.
LENS TYPES
NAME
ORDERING CODE
FWHM
GT3-XP Spot
C10891_GT3-XP-S
±N/A°
GT3-XP Medium
C10892_GT3-XP-M
±14°
GT3-XP Wide
C10893_GT3-XP-W
±N/A°


Similar Part No. - C10893_GT3-XP-W

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C10893 CREE-C10893 Datasheet
354Kb / 6P
Gt3 series
logo
Ledil, Inc.
C10893 LEDIL-C10893 Datasheet
2Mb / 6P
~40째 wide beam
More results

Similar Description - C10893_GT3-XP-W

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
Cree XLamp XP-L2 LEDs
Rev 0A
logo
Ledil, Inc.
C10926 LEDIL-C10926 Datasheet
1Mb / 5P
Oval beam for area lighting optimized for CREE XP-E and XP-G
CA11483 LEDIL-CA11483 Datasheet
2Mb / 7P
~25째 medium beam optimized for CREE XP-E.
CA10927 LEDIL-CA10927 Datasheet
850Kb / 5P
Oval beam for area lighting optimized for CREE XP-E and XP-G
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com