Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74ALVC00DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVC00DR
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC00DR Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVC00DR Datasheet HTML 1Page - Texas Instruments SN74ALVC00DR Datasheet HTML 2Page - Texas Instruments SN74ALVC00DR Datasheet HTML 3Page - Texas Instruments SN74ALVC00DR Datasheet HTML 4Page - Texas Instruments SN74ALVC00DR Datasheet HTML 5Page - Texas Instruments SN74ALVC00DR Datasheet HTML 6Page - Texas Instruments SN74ALVC00DR Datasheet HTML 7Page - Texas Instruments SN74ALVC00DR Datasheet HTML 8Page - Texas Instruments SN74ALVC00DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
D, DGV, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
DESCRIPTION/ORDERING INFORMATION
A
B
Y
SN74ALVC00
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SCES115G – JULY 1997 – REVISED AUGUST 2004
•
ESD Protection Exceeds JESD 22
•
Operates From 1.65 V to 3.6 V
– 2000-V Human-Body Model (A114-A)
•
Max tpd of 3 ns at 3.3 V
– 200-V Machine Model (A115-A)
•
±24-mA Output Drive at 3.3 V
– 1000-V Charged-Device Model (C101)
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
This quadruple 2-input positive-NAND gate is designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVC00 performs the Boolean function Y = A · B or Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN - RGY
Tape and reel
SN74ALVC00RGYR
VA00
Tube
SN74ALVC00D
SOIC - D
ALVC00
Tape and reel
SN74ALVC00DR
-40
°C to 85°C
SOP - NS
Tape and reel
SN74ALVC00NSR
ALVC00
TSSOP - PW
Tape and reel
SN74ALVC00PWR
VA00
TVSOP - DGV
Tape and reel
SN74ALVC00DGVR
VA00
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
Y
A
B
H
H
L
L
X
H
X
L
H
LOGIC DIAGRAM, EACH GATE (POSITIVE LOGIC)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74ALVC00DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC00DR TI-SN74ALVC00DR Datasheet
725Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00DR TI2-SN74ALVC00DR Datasheet
595Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
REVISED AUGUST 2004
SN74ALVC00DR.B TI2-SN74ALVC00DR.B Datasheet
595Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
REVISED AUGUST 2004
SN74ALVC00DRE4 TI-SN74ALVC00DRE4 Datasheet
725Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00DRG4 TI-SN74ALVC00DRG4 Datasheet
725Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results

Similar Description - SN74ALVC00DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11000 TI-74AC11000 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
REVISED APRIL 1996
SN74ALVC00 TI-SN74ALVC00 Datasheet
110Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74AUC00 TI-SN74AUC00_07 Datasheet
548Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_07 Datasheet
725Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Potato Semiconductor Co...
PO54G00A POTATO-PO54G00A Datasheet
554Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74ALVC00-EP TI1-SN74ALVC00-EP Datasheet
308Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-Q1 TI1-SN74LVC00A-Q1 Datasheet
217Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
74AC11000 TI1-74AC11000_12 Datasheet
625Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN54HC00-DIE TI1-SN54HC00-DIE Datasheet
81Kb / 6P
Quadruple 2-Input Positive-NAND Gate
SN74ALVC00-Q1 TI1-SN74ALVC00-Q1_15 Datasheet
769Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com