Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M27V256 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M27V256
Description  256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V256 Datasheet(HTML) 2 Page - STMicroelectronics

  M27V256 Datasheet HTML 1Page - STMicroelectronics M27V256 Datasheet HTML 2Page - STMicroelectronics M27V256 Datasheet HTML 3Page - STMicroelectronics M27V256 Datasheet HTML 4Page - STMicroelectronics M27V256 Datasheet HTML 5Page - STMicroelectronics M27V256 Datasheet HTML 6Page - STMicroelectronics M27V256 Datasheet HTML 7Page - STMicroelectronics M27V256 Datasheet HTML 8Page - STMicroelectronics M27V256 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
M27V256
2/15
Figure 2B. LCC Pin Connections
Warning: NC = Not Connected, DU = Dont’t Use.
AI01910
A8
A10
17
A0
NC
Q0
A6
A3
A2
A1
A5
A4
9
A9
1
A11
Q6
Q7
32
M27V256
NC
G
E
25
Figure 2A. DIP Pin Connections
A1
A0
Q0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
Q7
A14
A11
G
E
Q5
Q1
Q2
Q3
VSS
Q4
Q6
A12
VPP
VCC
AI01909
M27V256
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
28
27
26
25
24
23
22
21
20
19
18
17
For applications where the content is programmed
only one time and erasure is not required, the
M27V256 is offered in PDIP28, PLCC32 and
TSOP28 (8 x 13.4 mm) packages.
DEVICE OPERATION
The modes of operation of the M27V256 are listed
in the Operating Modes. A single power supply is
required in the read mode. All inputs are TTL lev-
els except for VPP and 12V on A9 for Electronic
Signature.
Read Mode
The M27V256 has two control functions, both of
which must be logically active in order to obtain
data at the outputs. Chip Enable (E) is the power
control and should be used for device selection.
Output Enable (G) is the output control and should
be used to gate data to the output pins, indepen-
dent of device selection. Assuming that the ad-
dresses are stable, the address access time
(tAVQV) is equal to the delay from E to output
(tELQV). Data is available at the output after delay
of tGLQV from the falling edge of G, assuming that
E has been low and the addresses have been sta-
ble for at least tAVQV-tGLQV.
Figure 2C. TSOP Pin Connections
A1
A0
Q0
A5
A2
A4
A3
A9
A11
Q7
A8
G
E
Q5
Q1
Q2
Q3
Q4
Q6
A13
A14
A12
A6
VPP
VCC
A7
AI01911
M27V256
28
1
22
78
14
15
21
VSS
A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com