Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP8G02BLI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP8G02BLI
Description  8A 20V NP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP8G02BLI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP8G02BLI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP8G02BLI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP8G02BLI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP8G02BLI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP8G02BLI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP8G02BLI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP8G02BLI Datasheet HTML 7Page - A POWER MICROELECTRONICS AP8G02BLI Datasheet HTML 8Page - A POWER MICROELECTRONICS AP8G02BLI Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
永源微电子科技有限公司
AP8G02BLI
8A 20V N+P 高频无线充场效应管晶体管
简介:
AP8G02BLI 是一颗针对无线充 N+P 全桥高频电路高性价比产品,使用的是第三代沟槽技术,优化 N&P Ciss
电容数据和
RDS,具备超高的性价比。
适配主控型号:
国内所有市场主流
MCU 无线充方案系列。
市场应用:
磁吸无线充,移动电源
15W 无线充


Similar Part No. - AP8G02BLI

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP8G02BF APME-AP8G02BF Datasheet
893Kb / 10P
20V NP-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP8G02BLI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1798 SANYO-2SA1798 Datasheet
97Kb / 3P
20V/8A Switching Applications
2SA1823 SANYO-2SA1823 Datasheet
95Kb / 3P
20V/8A Switching Applications
2SC4727 SANYO-2SC4727 Datasheet
92Kb / 3P
20V/8A Switching Applications
logo
Fairchild Semiconductor
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
20V N & P-Channel PowerTrench MOSFETs
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
20V N & P-Channel PowerTrench MOSFETs
logo
Hi-Sincerity Mocroelect...
H08N02CTS HSMC-H08N02CTS Datasheet
42Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 8A)
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
20V N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDG6332C_F085 FAIRCHILD-FDG6332C_F085 Datasheet
284Kb / 8P
20V N & P-Channel PowerTrench짰MOSFETs
logo
Will Semiconductor Ltd.
WCM2007 WILLSEMI-WCM2007 Datasheet
3Mb / 11P
N- and P-Channel, 20V, MOSFET
logo
First Silicon Co., Ltd
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
20V N P Dual Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com