Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP8N60F-C Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP8N60F-C
Description  600V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP8N60F-C Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP8N60F-C Datasheet HTML 1Page - A POWER MICROELECTRONICS AP8N60F-C Datasheet HTML 2Page - A POWER MICROELECTRONICS AP8N60F-C Datasheet HTML 3Page - A POWER MICROELECTRONICS AP8N60F-C Datasheet HTML 4Page - A POWER MICROELECTRONICS AP8N60F-C Datasheet HTML 5Page - A POWER MICROELECTRONICS AP8N60F-C Datasheet HTML 6Page - A POWER MICROELECTRONICS AP8N60F-C Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP8N60F-C
600V N-Channel Enhancement Mode MOSFET
AP8N60F-C REV1.0
永源微電子科技有限公司
Description
The AP8N60F-C is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 600V ID =8A
RDS(ON) < 1.4Ω @ VGS=10V (Type:1.25Ω)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP8N60F-C
TO-220-3L
AP8N60F-C XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
600
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
8.0
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
5.0
A
IDM
Pulsed Drain Current
(note1)
26
A
VGS
Gate-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
700
mJ
IAS
Avalanche Current
20
A
PD
Power Dissipation (TC = 25ºC)
32.9
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
2.05
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
62.5
ºC/W


Similar Part No. - AP8N60F-C

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP8N65DY-B APME-AP8N65DY-B Datasheet
1Mb / 9P
650V N-Channel Enhancement Mode MOSFET
REV1.0
AP8N65F-B APME-AP8N65F-B Datasheet
1Mb / 9P
650V N-Channel Enhancement Mode MOSFET
REV1.0
AP8N65P-B APME-AP8N65P-B Datasheet
1Mb / 9P
650V N-Channel Enhancement Mode MOSFET
REV1.0
AP8N65T-B APME-AP8N65T-B Datasheet
1Mb / 9P
650V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP8N60F-C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJN1N60D PANJIT-PJN1N60D Datasheet
203Kb / 6P
600V N-Channel Enhancement Mode MOSFET
PJP2N60 PANJIT-PJP2N60 Datasheet
212Kb / 6P
600V N-Channel Enhancement Mode MOSFET
PJP4N60 PANJIT-PJP4N60 Datasheet
225Kb / 5P
600V N-Channel Enhancement Mode MOSFET
PJP5N60 PANJIT-PJP5N60 Datasheet
193Kb / 5P
600V N-Channel Enhancement Mode MOSFET
PJP7N60 PANJIT-PJP7N60 Datasheet
224Kb / 5P
600V N-Channel Enhancement Mode MOSFET
PJP8N60 PANJIT-PJP8N60 Datasheet
181Kb / 5P
600V N-Channel Enhancement Mode MOSFET
PJP10N60 PANJIT-PJP10N60 Datasheet
190Kb / 5P
600V N-Channel Enhancement Mode MOSFET
PJU1N60 PANJIT-PJU1N60 Datasheet
239Kb / 5P
600V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG4N60SK3 DIODES-DMG4N60SK3 Datasheet
565Kb / 7P
600V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN60H3D5SK3 DIODES-DMN60H3D5SK3 Datasheet
548Kb / 7P
600V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com