Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP8V05S Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP8V05S
Description  -55V PP-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP8V05S Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP8V05S Datasheet HTML 1Page - A POWER MICROELECTRONICS AP8V05S Datasheet HTML 2Page - A POWER MICROELECTRONICS AP8V05S Datasheet HTML 3Page - A POWER MICROELECTRONICS AP8V05S Datasheet HTML 4Page - A POWER MICROELECTRONICS AP8V05S Datasheet HTML 5Page - A POWER MICROELECTRONICS AP8V05S Datasheet HTML 6Page - A POWER MICROELECTRONICS AP8V05S Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP8V05S
-55V P+P-Channel Enhancement Mode MOSFET
AP8V05S REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ =25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250µA
-60
-68
-
V
lGSS
Gate-body Leakage current
VDS=0V, VGS=±20V
-
-
±100
nA
IDSS TJ= 25°C
Zero Gate Voltage Drain Current
VDS=-60V, VGS=0V
-
-
-1
μA
VGS(th)
Gate-Threshold Voltage
VDS=VGS, ID=-250µA
-1.2
-1.6
-2.5
V
RDS(on)
Drain-Source On-Resistance4
VGS=-10V, ID=-4A
-
75
95
mΩ
VGS=-4.5V, ID=-2A
-
90
130
Ciss
Input Capacitance
VDS=-30V, VGS=0V,
f=1MHz
-
1015
-
pF
Coss
Output Capacitance
-
50
-
Crss
Reverse Transfer Capacitance
-
35
-
Rg
Gate Resistance
f=1MHz
-
15.6
-
Ω
Qg
Total Gate Charge
VGS=-4.5V, VDS=-12V,
ID= -4A
-
15
-
nC
Qgs
Gate-Source Charge
-
2.1
-
Qgd
Gate-Drain Charge
-
7
-
td(on)
Turn-On Delay Time
VGS = -4.5V, VDD = -12V,
ID= -4A, RG=3Ω
-
6.9
-
nS
tr
Rise Time
-
22.3
-
td(off)
Turn-Off Delay Time
-
41.9
-
tf
Fall Time
-
10.6
-
VSD
Diode Forward Voltage4
IS = -1A, VGS = 0V
-
-
-1.2
V
IS
Continuous Source Current
TA= 25°C -
-
-
-8.0
A
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The test condition is VDD= -25V, VGS=-10V, L= 0.1mH, IAS= -15A.
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com