Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS9587-V-AX Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS9587-V-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9587-V-AX Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9587-V-AX Datasheet HTML 3Page - Renesas Technology Corp PS9587-V-AX Datasheet HTML 4Page - Renesas Technology Corp PS9587-V-AX Datasheet HTML 5Page - Renesas Technology Corp PS9587-V-AX Datasheet HTML 6Page - Renesas Technology Corp PS9587-V-AX Datasheet HTML 7Page - Renesas Technology Corp PS9587-V-AX Datasheet HTML 8Page - Renesas Technology Corp PS9587-V-AX Datasheet HTML 9Page - Renesas Technology Corp PS9587-V-AX Datasheet HTML 10Page - Renesas Technology Corp PS9587-V-AX Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PS9587, P9587L1, PS9587L2, PS9587L3
R08DS0244EJ0100 Rev.1.00
Page 7 of 17
Sep 21, 2021
ELECTRICAL CHARACTERISTICS (TA = – 40 to + 85 °C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.*1 MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
C
1.4
1.65
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25
C
10
A
Terminal Capacitance
Ct
VF = 0 V, f = 1 MHz, TA = 25
C
30
150
pF
Detector
High Level Output Current
IOH
VCC = VO = 5.5 V, VF = 0.8 V
1
100
A
Low Level Output Voltage *2
VOL
VCC = 5.5 V, IF = 5 mA, IOL = 13 mA
0.2
0.6
V
High Level Supply Current
ICCH
VCC = 5.5 V, IF = 0 mA, VO = Open
5
8
mA
Low Level Supply Current
ICCL
VCC = 5.5 V, IF = 10 mA, VO = Open
9
11
mA
Coupled
Threshold Input Current (H
→ L)
IFHL
TA = 25
C
3.3
mA
VCC = 5 V, VO = 0.8 V, RL = 350
Ω
1.5
5
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60 %, TA = 25
C 1011
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
C
0.9
5
pF
Propagation Delay Time
tPHL
VCC = 5 V,
TA = 25
C
35
75
ns
(H
→ L) *3
VTHHL = VTHLH = 1.5 V,
100
Propagation Delay Time
tPLH
RL = 350
Ω,
TA = 25
C
45
75
ns
(L
→ H) *3
IF = 7.5 mA, CL = 15 pF
100
Rise Time
tr
20
ns
Fall Time
tf
10
ns
Pulse Width Distortion
(PWD) *3
tPHL-tPLH
10
50
ns
Propagation Delay Skew
tPSK
60
ns
Common Mode
Transient Immunity at High Level
Output *4
CMH
VCC = 5 V, TA = 25
C, IF = 0 mA,
VO (MIN.) = 2 V, VCM = 1.5 kV, RL = 350
Ω
15
kV/
s
Common Mode
Transient Immunity at Low Level
Output *4
CML
VCC = 5 V, TA = 25
C, IF = 7.5 mA,
VO (MAX.) = 0.8 V, VCM = 1.5 kV, RL = 350
Ω
15
kV/
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com