Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VD6725 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VD6725
Description  2 megapixel, 1/5 inch system-on-chip imaging sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6725 Datasheet(HTML) 1 Page - STMicroelectronics

  VD6725 Datasheet HTML 1Page - STMicroelectronics VD6725 Datasheet HTML 2Page - STMicroelectronics VD6725 Datasheet HTML 3Page - STMicroelectronics VD6725 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2008
Rev 2
1/4
4
VD6725
2 megapixel, 1/5 inch system-on-chip imaging sensor
Features
■ UXGA (2 megapixel) sensor array
■ 1/5” optical format, 1.75 µm pixel size
■ SNR max > 36 dB
■ 10-bit continuous-time single-end ADC
■ Selectable 8-bit parallel or CSI2 serial output
■ Integrated high-performance image signal
processor and camera controller
– 4-channel radial anti-vignetting
– dynamic singlet/couplet correction
– adaptive noise reduction
– high-quality scaler: any size scaling down
from SXGA
– electronic zoom
■ 15 frames per second (fps) at full resolution,
30 fps in VGA with fast context switching
feature for quicker still image capture
■ Programmable I2C chip address
■ Low power consumption and ultra-low standby
current
■ 1 Kbit OTP memory fully available to user
■ Integrated 1.2 V regulator
■ TSV wafer level package option
Benefits
■ Compatible with camera modules with Z height
below 4 mm
■ Compatible with camera modules < 6 x 6 mm
2
■ Flexible applications (//ITU, MIPI) using the
same die
■ Creative special effects
■ Qualified for reflowable camera modules
Applications
■ Mobile phones
■ PDAs
■ PC cameras and peripherals
■ Gaming platforms
Description
VD6725 is an ultra-small, ultra-competitive and
ultra-smart 2 megapixel 1/5” SOC imaging sensor
with a high-performance image signal processor.
VD6725 imaging sensor allows design of ultra-low
height camera modules, thanks to ST’s pixel ultra-
low optical stack height that provides high
quantum efficiency, better light sensitivity and
improved relative illumination.
This cost competitive solution resulting from an
ultra-small sensor die size is based on ST’s
innovative sensor architecture and ST’s latest
imaging patents, combined to our new imaging
process.
ST’s new high performance imaging process
provides 1.75 µm pixel size, very high logic
density, excellent SNR and low light performance.
It is qualified in our 8” and 12” world-leading
manufacturing infrastructures.
www.st.com


Similar Part No. - VD6725

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VD6282 STMICROELECTRONICS-VD6282 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
VD6283 STMICROELECTRONICS-VD6283 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
VD6283TX STMICROELECTRONICS-VD6283TX Datasheet
2Mb / 59P
Hybrid filter multispectral sensor with light flicker engine
21-May-2021
VD6283TX45/1 STMICROELECTRONICS-VD6283TX45/1 Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
logo
YAMAHA CORPORATION
VD631600 YAMAHA-VD631600 Datasheet
13Mb / 42P
STEREO AMPLIFIER SERVICE MANUAL
More results

Similar Description - VD6725

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
1/2-Inch 3-Megapixel CMOS Digital Image Sensor
MT9M112 MICRON-MT9M112 Datasheet
843Kb / 2P
1/4-Inch, 1.3 Megapixel CMOS Image Sensor System-on-Chip
MT9M001 MICRON-MT9M001 Datasheet
574Kb / 32P
1/2-Inch Megapixel CMOS Digital Image Sensor
logo
STMicroelectronics
STV0986 STMICROELECTRONICS-STV0986 Datasheet
67Kb / 4P
5 Megapixel mobile imaging processor
08-Jan-2007
STV0984 STMICROELECTRONICS-STV0984_07 Datasheet
63Kb / 5P
2 Megapixel SMIA profile 2 mobile imaging processor
04-Dec-2007
logo
OmniVision Technologies...
OV02650-VL9A OMNIVISION-OV02650-VL9A Datasheet
227Kb / 2P
ultra small 1/5 2 Megapixel CameraChip sensor
OV03642-V67A OMNIVISION-OV03642-V67A Datasheet
202Kb / 2P
1/4-inch, 3 megapixel CameraChip sensor
OV05642-A63A OMNIVISION-OV05642-A63A Datasheet
214Kb / 2P
the world first 1/4-inch 5 megapixel SOC image sensor
OV2655 OMNIVISION-OV2655 Datasheet
239Kb / 2P
high sensitivity 1/5-inch 2 megapixel CameraChip sensor
logo
List of Unclassifed Man...
MT9D111 ETC2-MT9D111 Datasheet
251Kb / 8P
1/3.2-Inch 2-Megapixel Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com