Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN75DP129RHHT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP129RHHT
Description  DisplayPort to TMDS Translator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP129RHHT Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN75DP129RHHT Datasheet HTML 8Page - Texas Instruments SN75DP129RHHT Datasheet HTML 9Page - Texas Instruments SN75DP129RHHT Datasheet HTML 10Page - Texas Instruments SN75DP129RHHT Datasheet HTML 11Page - Texas Instruments SN75DP129RHHT Datasheet HTML 12Page - Texas Instruments SN75DP129RHHT Datasheet HTML 13Page - Texas Instruments SN75DP129RHHT Datasheet HTML 14Page - Texas Instruments SN75DP129RHHT Datasheet HTML 15Page - Texas Instruments SN75DP129RHHT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
www.ti.com
TMDS and Main Link Pins
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN75DP129
SLAS583A – JANUARY 2008 – REVISED MARCH 2008
The main link inputs are designed to be compliant with the DisplayPort 1.1 specification. The TMDS outputs of
the SN75DP129 are designed to be compliant with the Digital Visual Interface 1.0 (DVI) and High Definition
Multimedia Interface 1.3 (HDMI) specifications. The differential output voltage swing can be fine-tuned with the
VSadj (TMDS-compliant Voltage Swing Control) resistor.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
Single-ended HIGH level output voltage
AVCC–10
AVCC+10
mV
VOL
Single-ended LOW level output voltage
AVCC–600
AVCC–400
mV
VSWING
Single-ended output voltage swing
400
600
mV
AVCC = 3.3 V, RT = 50 Ω
Change in steady-state common-mode
VOC(SS)
–5
5
mV
output voltage between logic states
VOD(PP)
Peak-to-peak output differential voltage
800
1200
mV
AVCC = 3.3 V, RT = 50 Ω,
V(O)SBY
Single-ended standby output voltage
AVCC–10
AVCC+10
mV
LP = 0
0 V
≤ VCC ≥ 1.5 V, AVCC = 3.3 V,
I(O)OFF
Single-ended power down output current
–10
10
µA
RT = 50 Ω
IOS
Short circuit output current
VID = 500 mV
–15
15
mA
RINT
Input termination impedance
45
50
55
Ω
Vterm
Input termination voltage
1
2
V
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time
250
350
600
ps
tPHL
Propagation delay time
250
350
600
ps
tR
Rise time
60
90
140
ps
tF
Fall time
AVCC = 3.3 V, RT = 50 Ω, f = 1 MHz
60
90
140
ps
tSK(P)
Pulse skew
8
15
ps
tSK(D)
Intra-pair skew
20
40
ps
tSK(O)
Inter-pair skew
20
65
ps
tJITD(PP) Peak-to-peak output residual data jitter
AVCC = 3.3 V, RT = 50 Ω, dR = 2.5 Gbps
14
50
ps
tJITC(PP) Peak-to-peak output residual clock jitter
AVCC = 3.3 V, RT = 50 Ω, f = 250 MHz
8
30
ps
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN75DP129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com