Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN75DP129RHHTG4 Datasheet(PDF) 15 Page - Texas Instruments

Part # SN75DP129RHHTG4
Description  DisplayPort to TMDS Translator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP129RHHTG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN75DP129RHHTG4 Datasheet HTML 11Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 12Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 13Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 14Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 15Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 16Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 17Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 18Page - Texas Instruments SN75DP129RHHTG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Data Rate − Mbps
380
382
384
386
388
390
392
394
396
398
400
0
500
1000
1500
2000
2500
3000
G001
TA = 0°C
TA = 25°C
TA = 85°C
VSS − Supply Voltage − V
12
13
14
15
2.7
3.0
3.3
3.6
3.9
G002
TA = 85°C
TA = 25°C
TA = 0°C
Data Rate − Mbps
0
2
4
6
8
10
12
14
16
18
20
0
500
1000
1500
2000
2500
3000
G003
VID = 600 mV
VID = 400 mV
VID = 500 mV
f − Frequency − GHz
−60
−50
−40
−30
−20
−10
0
10
20
0
2
4
6
8
10
12
14
16
18
20
G004
SN75DP129
SLAS583A – JANUARY 2008 – REVISED MARCH 2008
Power disipation is the sum of the power consumption from the VCC and VDD pins, plus the 132 mW of power from the
AVCC (Receiver Termination Supply).
POWER DISSIPATION
PEAK-TO-PEAK RESIDUAL DATA JITTER (at 2.5 Gbps)
vs
vs
DATA RATE
SUPPLY VOLTAGE
Figure 18.
Figure 19.
PEAK-TO-PEAK RESIDUAL DATA JITTER
GAIN
vs
vs
DATA RATE
FREQUENCY
Figure 20.
Figure 21.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): SN75DP129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com