| Electronic Components Datasheet Search |
|
TMS320F2811 Datasheet(PDF) 88 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2811 Datasheet(HTML) 88 Page - Texas Instruments |
|
88 / 173 page ![]() Development Support 88 April 2001 − Revised July 2007 SPRS174O TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type (for example, PBK) and temperature range (for example, A). Figure 5−1 provides a legend for reading the complete device name for any TMS320x28x family member. PREFIX TMS 320 F 2810 PBK TMX = experimental device TMP = prototype device TMS = qualified device DEVICE FAMILY 320 = TMS320 DSP Family TECHNOLOGY PACKAGE TYPE†‡ GHH = 179-ball MicroStar BGA ZHH = 179-ball MicroStar BGA (lead-free) PGF = 176-pin LQFP PBK = 128-pin LQFP F = Flash EEPROM (1.8-V/1.9-V Core/3.3-V I/O) C = ROM (1.8-V/1.9-V Core/3.3-V I/O) DEVICE 2810 2811 2812 † BGA = Ball Grid Array LQFP = Low-Profile Quad Flatpack ‡ LQFP package not yet available lead (Pb)-free. For estimated conversion dates, go to www.ti.com/leadfree TEMPERATURE RANGE A = −40 °C to 85°C S = −40 °C to 125°C Q = −40 °C to 125°C − Q100 fault grading A Figure 5−1. TMS320x28x Device Nomenclature 5.2 Documentation Support Extensive documentation supports all of the TMS320 DSP family generations of devices from product announcement through applications development. The types of documentation available include: data sheets and data manuals, with design specifications; and hardware and software applications. Useful reference documentation includes: TMS320C28x DSP CPU and Instruction Set Reference Guide (literature number SPRU430) describes the central processing unit (CPU) and the assembly language instructions of the TMS320C28x fixed-point digital signal processors (DSPs). It also describes emulation features available on these DSPs. TMS320x281x Analog-to-Digital Converter (ADC) Reference Guide (literature number SPRU060) describes the ADC module. The module is a 12-bit pipelined ADC. The analog circuits of this converter, referred to as the core in this document, include the front-end analog multiplexers (MUXs), sample-and-hold (S/H) circuits, the conversion core, voltage regulators, and other analog supporting circuits. Digital circuits, referred to as the wrapper in this document, include programmable conversion sequencer, result registers, interface to analog circuits, interface to device peripheral bus, and interface to other on-chip modules. TMS320x281x Boot ROM Reference Guide (literature number SPRU095) describes the purpose and features of the bootloader (factory-programmed boot-loading software). It also describes other contents of the device on-chip boot ROM and identifies where all of the information is located within that memory. TMS320x281x Event Manager (EV) Reference Guide (literature number SPRU065) describes the EV modules that provide a broad range of functions and features that are particularly useful in motion control and motor control applications. The EV modules include general-purpose (GP) timers, full-compare/PWM units, capture units, and quadrature-encoder pulse (QEP) circuits. TMS320x281x External Interface (XINTF) Reference Guide (literature number SPRU067) describes the external interface (XINTF) of the 281x digital signal processors (DSPs). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |