| Electronic Components Datasheet Search |
|
TMS320F2811 Datasheet(PDF) 147 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2811 Datasheet(HTML) 147 Page - Texas Instruments |
|
147 / 173 page ![]() Electrical Specifications 146 April 2001 − Revised July 2007 SPRS174O 6.31.7 Simultaneous Sampling Mode (Dual-Channel) (SMODE = 1) In simultaneous mode, the ADC can continuously convert input signals on any one pair of channels (A0/B0 to A7/B7). The ADC can start conversions on event triggers from the Event Managers (EVA/EVB), software trigger, or from an external ADCSOC signal. If the SMODE bit is 1, the ADC will do conversions on two selected channels on every Sample/Hold pulse. The conversion time and latency of the Result register update are explained below. The ADC interrupt flags are set a few SYSCLKOUT cycles after the Result register update. The selected channels will be sampled simultaneously at the falling edge of the Sample/Hold pulse. The Sample/Hold pulse width can be programmed to be 1 ADC clock wide (minimum) or 16 ADC clocks wide (maximum). NOTE: In Simultaneous mode, the ADCIN channel pair select has to be A0/B0, A1/B1, ..., A7/B7, and not in other combinations (such as A1/B3, etc.). Analog Input on Channel Ax Analog Input on Channel Bv ADC Clock Sample and Hold SH Pulse tSH tdschA0_n tdschB0_n tdschB0_n+1 Sample n Sample n+1 Sample n+2 tdschA0_n+1 td(SH) ADC Event Trigger from EV or Other Sources SMODE Bit Figure 6−42. Simultaneous Sampling Mode Timing Table 6−46. Simultaneous Sampling Mode Timing SAMPLE n SAMPLE n + 1 AT 25-MHz ADC CLOCK, tc(ADCCLK) = 40 ns REMARKS td(SH) Delay time from event trigger to sampling 2.5tc(ADCCLK) tSH Sample/Hold width/ Acquisition Width (1 + Acqps) * tc(ADCCLK) 40 ns with Acqps = 0 Acqps value = 0−15 ADCTRL1[8:11] td(schA0_n) Delay time for first result to appear in Result register 4tc(ADCCLK) 160 ns td(schB0_n) Delay time for first result to appear in Result register 5tc(ADCCLK) 200 ns td(schA0_n+1) Delay time for successive results to appear in Result register (3 + Acqps) * tc(ADCCLK) 120 ns td(schB0_n+1) Delay time for successive results to appear in Result register (3 + Acqps) * tc(ADCCLK) 120 ns |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |