Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP13N50F-B Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP13N50F-B
Description  500V N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP13N50F-B Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP13N50F-B Datasheet HTML 1Page - A POWER MICROELECTRONICS AP13N50F-B Datasheet HTML 2Page - A POWER MICROELECTRONICS AP13N50F-B Datasheet HTML 3Page - A POWER MICROELECTRONICS AP13N50F-B Datasheet HTML 4Page - A POWER MICROELECTRONICS AP13N50F-B Datasheet HTML 5Page - A POWER MICROELECTRONICS AP13N50F-B Datasheet HTML 6Page - A POWER MICROELECTRONICS AP13N50F-B Datasheet HTML 7Page - A POWER MICROELECTRONICS AP13N50F-B Datasheet HTML 8Page - A POWER MICROELECTRONICS AP13N50F-B Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP13N50FIPIT-B
500V N-Channel Enhancement Mode MOSFET
AP13N50F/P/T-B REV1.0
永源微電子科技有限公司
Description
The AP13N50F/P/T-B is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 500V ID =13A
RDS(ON) < 500mΩ @ VGS=10V (Type:420mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP13N50F
TO-220F-3L
AP13N50F XXX YYYY
1000
AP13N50P
TO-220-3L
AP13N50P XXX YYYY
1000
AP13N50T
TO-263-3L
AP13N50T XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
500
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
13
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
9.2
A
IDM
Pulsed Drain Current
(note1)
52
A
VGS
Gate-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy (note2)
400
mJ
IAS
Avalanche Current (note1)
13
A
PD
Power Dissipation (TC = 25ºC)
31
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
3.92
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
62.5
ºC/W


Similar Part No. - AP13N50F-B

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP13N50HF APME-AP13N50HF Datasheet
1Mb / 7P
500V N-Channel Enhancement Mode MOSFET
REV1.0
logo
Advanced Power Electron...
AP13N50I A-POWER-AP13N50I Datasheet
77Kb / 4P
Low On-resistance
AP13N50I-HF A-POWER-AP13N50I-HF Datasheet
102Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP13N50I-HF A-POWER-AP13N50I-HF_14 Datasheet
102Kb / 4P
Simple Drive Requirement
AP13N50I-HF A-POWER-AP13N50I-HF_16 Datasheet
100Kb / 5P
Fast Switching Characteristic
More results

Similar Description - AP13N50F-B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP13N50 PANJIT-PJP13N50 Datasheet
201Kb / 5P
500V N-Channel Enhancement Mode MOSFET
PJP830 PANJIT-PJP830 Datasheet
216Kb / 6P
500V N-Channel Enhancement Mode MOSFET
PJP840 PANJIT-PJP840 Datasheet
183Kb / 5P
500V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY5N50T HY-HY5N50T Datasheet
151Kb / 4P
500V / 5A N-Channel Enhancement Mode MOSFET
HY8N50T HY-HY8N50T Datasheet
129Kb / 4P
500V / 8.0A N-Channel Enhancement Mode MOSFET
HY13N50T HY-HY13N50T Datasheet
150Kb / 4P
500V / 13A N-Channel Enhancement Mode MOSFET
HY18N50W HY-HY18N50W Datasheet
299Kb / 4P
500V / 18A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
15N50 WXDH-15N50 Datasheet
1Mb / 12P
15A 500V N-channel Enhancement Mode Power MOSFET
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
830WB WXDH-830WB Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com