Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FL05Y0MA Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7FL05Y0MA
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL05Y0MA Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7FL05Y0MA Datasheet HTML 10Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 11Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 12Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 13Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 14Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 15Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 16Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 17Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
ST7L05, ST7L09
14/104
FLASH PROGRAM MEMORY (Cont’d)
4.5 MEMORY PROTECTION
Two different types of memory protection exist:
Read-out Protection and Write/Erase Protection,
which are applied individually.
4.5.1 Read-out Protection
Read-out protection, when selected provides a
protection against program memory content ex-
traction and against write access to Flash memo-
ry. Even if no protection is considered as totally
unbreakable, the feature provides a very high level
of protection for a general purpose microcontroller.
Both program and data E2 memory are protected.
In Flash devices, this protection is removed by re-
programming the option. In this case, both pro-
gram and data E2 memory are automatically
erased and the device is reprogrammed.
Read-out protection selection depends on the de-
vice type:
– In Flash devices it is enabled and removed
through the FMP_R bit in the option byte.
– In ROM devices it is enabled by mask option
specified in the Option List.
4.5.2 Flash Write/Erase Protection
Write/Erase protection, when set, makes it impos-
sible to both overwrite and erase program memo-
ry. It does not apply to E2 data. Its purpose is to
provide advanced security to applications and pre-
vent any change being made to the memory con-
tent.
Warning: Once set, Write/Erase protection can
never be removed. A write-protected Flash device
is no longer reprogrammable.
Write/Erase protection is enabled through the
FMP_W bit in the option byte.
4.6 RELATED DOCUMENTATION
For details on Flash programming and ICC proto-
col, refer to the ST7 Flash Programming Refer-
ence Manual and to the ST7 ICC Protocol Refer-
ence Manual
.
REGISTER DESCRIPTION
FLASH CONTROL/STATUS REGISTER (FCSR)
Read/Write
Reset Value: 000 0000 (00h)
1st RASS Key: 0101 0110 (56h)
2nd RASS Key: 1010 1110 (AEh)
Note: This register is reserved for programming
using ICP, IAP or other programming methods. It
controls the XFlash programming and erasing op-
erations.
When an EPB or another programming tool is
used (in socket or ICP mode), the RASS keys are
sent automatically.
Table 4. Flash Register Map and Reset Values
70
00
00
0
OPT
LAT
PGM
Address
(Hex.)
Register
Label
765
43210
002Fh
FCSR
Reset Value
000
00
OPT
0
LAT
0
PGM
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com