Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZIOL2102 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ZIOL2102
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2102 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ZIOL2102 Datasheet HTML 21Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 22Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 23Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 24Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 25Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 26Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 27Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 28Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
25
April 26, 2016
3.3.5.
IC Self-Protection – Lock Mode
In order to prevent serious IC damage due to overloaded or overheated driver transistors, the IC has a build-in
protection mechanism. If a critical situation occurs for a certain configurable time, the IC can protect itself in
transferring its control in a special mode, called lock mode, in which the driver of the related channel is turned-off
in case of over-current, or in case of over-temperature the drivers of both channels are turned-off, respectively.
Figure 3.8 shows the basic scheme of the IC self protection. In principle, this scheme is five times implemented in
order to tread:
• Over-current situations separately at the high side and at the low side switch of the COM channel as
described in Figure 3.15
• Over-current situations separately at the high side and at the low side switch of the AUX channel as
described in Figure 3.16
• Over-temperature situations of the silicon die as described in Figure 3.17
In case of an over-current or over-temperature situation occurs (in the following called overload) the related over-
current/over-temperature counter (overload counter) will count up. Since the overload counter counts down to
zero in case of no overload is existent, the circuit performs an integrator function. This integrator function makes
sure that overloads which temporarily occur are not accumulated thus will not lead to an unwanted driver locks.
If the overload counter has reached the (in the related configuration register) defined maximum value, the IC will
generate an internal exception. This exception will lock the associated channel or both channels in case of an
over-temperature situation. The “assert Time” (refer to Figure 3.8) which is the elapsed time in until reaching the
configured maximum of the overload counter depends on the used clock period for the overload counter. This
clock period can be defined separately for the lock control circuit of each channel (Figure 3.15, Figure 3.16) and
the temperature lock control circuit (Figure 3.17) in the associated configuration register.
To each overload counter is a peak register associated. The value of the overload counters can not be retrieved
via the SPI port. However, the value of the overload counter will be copied in the related peak register if the value
of the overload counter is greater than the value of the peak register. The peak registers can be read via the SPI
port. The content of the peak register will be cleared after each read access. However, within the next cycle of the
IC control circuit the peak register will be set to the overload counter value again if this value is greater than zero.
The above described peak register update is only performed if an overload situation is present. In case of
overload situation the peak register is an important instrument to perform an IC diagnostic. For more information
about techniques to operate the peak, please refer to Appendix A.
A due to an overload raised internal exception will cause in case of over-current a lock of the related channel or a
lock of both channels in case of a over-temperature situation. There are three signals (displayed in status
register[20] which indicate the lock activator. The other five bits of this status register indicate what IC sensor has
detected an over-current or if the configured maximum of the die temperature has been exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com