| Electronic Components Datasheet Search |
|
S32K310 Datasheet(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K310 Datasheet(HTML) 24 Page - NXP Semiconductors |
|
24 / 164 page ![]() Table 7. Boot time, HSE firmware not installed Symbol Description Min Typ Max Unit Condition Spec Number execution of the first instruction of the application core, when HSE firmware is not installed. (HSE FW feature flag is disabled) D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. 6.1.3 Boot time, HSE firmware installed The following table provides the boot time of the S32K3 SBAF and Firmware initialization. To obtain the total boot time, the corresponding user code verification time must be added. Table 8. Boot time, HSE firmware installed Symbol Description Min Typ Max Unit Condition Spec Number tBOOT_HSE_ NONSECURE After a POR event, amount of time to execution of the first instruction of the application core, when HSE firmware is installed. (BOOT SEQ = 0) — — 3 ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tBOOT_HSE After a POR event, amount of time to execution of the first instruction of the application core, when HSE firmware is installed. — 12.36 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tBOOT_HSE After a POR event, amount of time to execution of the first instruction of the application core, when HSE firmware is installed. — 9.51 — ms Device running from PLL (clocking option B). CORE_CLK = 120 MHz; HSE_CLK = 120 MHz. — tBOOT_HSE After a POR event, amount of time to execution of the first instruction of the application core, when HSE firmware is installed. — 10.91 — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — NXP Semiconductors S32K3XX S32K3xx Data Sheet S32K3XX All information provided in this document is subject to legal disclaimers. © 2025 NXP B.V. All rights reserved. Product data sheet Rev. 13 — 12 November 2025 Document feedback 24 / 164 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |