Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ODP-43-PB-622-STX-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ODP-43-PB-622-STX-R
Description  FSAN High Power Diplexer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ODP-43-PB-622-STX-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ODP-43-PB-622-STX-R Datasheet HTML 1Page - List of Unclassifed Manufacturers ODP-43-PB-622-STX-R Datasheet HTML 2Page - List of Unclassifed Manufacturers ODP-43-PB-622-STX-R Datasheet HTML 3Page - List of Unclassifed Manufacturers ODP-43-PB-622-STX-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ODP-43-PE
FSAN High Power Diplexer
PRELIMINARY
Parameter
1490 TX to 1310 RX crosstalk
Back Reflection @ 1310 nm
Back Reflection @ 1490 nm
Min
-
-
-
Typical
-60
-20
-6
Max
-47
-20
-6
Units
dB
dB
dB
Module Requirements
Parameter
Wavelength
Spectral Width (-20 dB)
Side Mode Supression ratio
1/2 Ppeak set point @ 25ºC (FSAN)
1/2 Ppeak over temp and EOL (FSAN)
Bias Current
Bias Current@EOL
Modulation Current
PD Monitor Current
Forward Voltage
Rise/Fall Time a
PD Dark Current
PD Capacitance
Min
1480
-
30
-
-0.5
6
-
10
50
-
-
-
-
Typical
1490
-
-
1.5
-
-
-
-
-
1.2
-
-
10
Max
1500
1
-
4
70
100
80
1000
1.8
0.5
1
15
Units
nm
nm
dB
dBm
dBm
mA
mA
mA
µA
Volts
ns
µA
pF
Features
• Low cost 1490 DFB TX, 1310 nm RX design
• High Isolation
•0to 70˚C operation
•TX data rates up to 1250 Mbps
• Multiple Burst Receive TIA versions available
• Compliant to ITU-T G.983.3 FSAN @ 155 and 622 Mbps
a 10% to 90%
Symbol
λ
∆λ
SMSR
Pset
Pave
Ibias
Ibias,EOL
Imod
IPD,mon
Vf
tr/tf
IPD, dark
CPD
Parameter
Operating Temperature(case)
Storage Temperature
Min
0
-40
Typical
-
-
Max
70
85
Units
ºC
ºC
Absolute Maximum Ratings
Transmitter Requirements


Similar Part No. - ODP-43-PB-622-STX-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ODP-34-PA ETC2-ODP-34-PA Datasheet
816Kb / 4P
GPON High Power Diplexer PRELIMINARY
ODP-34-PA-1250-FCA-C ETC2-ODP-34-PA-1250-FCA-C Datasheet
816Kb / 4P
GPON High Power Diplexer PRELIMINARY
ODP-34-PA-1250-FCA-R ETC2-ODP-34-PA-1250-FCA-R Datasheet
816Kb / 4P
GPON High Power Diplexer PRELIMINARY
ODP-34-PA-1250-FCU-C ETC2-ODP-34-PA-1250-FCU-C Datasheet
816Kb / 4P
GPON High Power Diplexer PRELIMINARY
ODP-34-PA-1250-FCU-R ETC2-ODP-34-PA-1250-FCU-R Datasheet
816Kb / 4P
GPON High Power Diplexer PRELIMINARY
More results

Similar Description - ODP-43-PB-622-STX-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ODP-34-PE ETC2-ODP-34-PE Datasheet
816Kb / 4P
GPON High Power Diplexer PRELIMINARY
logo
Source Photonics, Inc.
OTP-345V1-PAA SOURCE-OTP-345V1-PAA Datasheet
280Kb / 4P
FSAN High Power Triplexer
OTP-345V1-PE-1250-SCA-SD SOURCE-OTP-345V1-PE-1250-SCA-SD Datasheet
385Kb / 4P
FSAN High Power Triplexer
logo
Mini-Circuits
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
Diplexer
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
Diplexer
ZDPL-4254-75-F MINI-ZDPL-4254-75-F Datasheet
570Kb / 3P
Diplexer
ZDSS-3G4G MINI-ZDSS-3G4G Datasheet
645Kb / 3P
Diplexer
ZDSS-3G4G-S MINI-ZDSS-3G4G-S Datasheet
645Kb / 3P
Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
Diplexer
RDP-6500 MINI-RDP-6500 Datasheet
468Kb / 3P
Diplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com