Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP20P02BF Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP20P02BF
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP20P02BF Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP20P02BF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20P02BF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20P02BF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20P02BF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20P02BF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20P02BF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20P02BF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP20P02BF
-20V P-Channel Enhancement Mode MOSFET
AP20P02BF RVE1.0
永源微電子科技有限公司
Package Mechanical Data:QFN2*2-6L
Symbol
Min
Nom
Max
A
0.50
--
0.54
A1
0.00
0.02
0.05
A3
0.10REF
b
0.25
0.30
0.35
D
1.90
2.00
2.10
E
1.90
2.00
2.10
D2
1.10
1.20
1.30
E2
1.00
1.10
1.20
D3
0.65
0.75
0.85
E3
0.15
0.25
0.35
e
0.55
0.65
0.75
K
0.05
--
--
K1
0.17
--
--
K2
0.27
--
--
K3
0.28
--
--
L
0.20
0.25
0.30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com