Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T3628ST Datasheet(PDF) 2 Page - Stontronics Ltd.

Part # T3628ST
Description  13 ~ 24 Watt C8 Desktop SMPSU Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STONTRONICS [Stontronics Ltd.]
Direct Link  
Logo STONTRONICS - Stontronics Ltd.

T3628ST Datasheet(HTML) 2 Page - Stontronics Ltd.

  T3628ST Datasheet HTML 1Page - Stontronics Ltd. T3628ST Datasheet HTML 2Page - Stontronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC Plug & Lead Drawing
Case Drawings
Example Spec Label:
• 1M DC Lead:
Stontronics Ltd
Chancerygate Business Centre, Cradock Road, Reading, Berkshire, RG2 0AH.
Tel: +44 (0) 118 931 1199 • Fax: +44 (0) 118 931 1145 • Email: info@stontronics.co.uk • Web: www.stontronics.co.uk
Please Note: Image shown is representative of entire range. Individual PSU image &/or drawings or data sheets available on request.
Stontronics Ltd accepts no responsibility for typographical errors in the production of this leaflet. Product specifications are subject to change without notice.
1
27.3±1
• 75x47.5x27.3mm:
• 80.6x50x31mm:
Wire OD: ø2.7X5.4
#18AWG X2C SPT-1 60°C
HAVE ON WORD WIRE IN OUTER,
NO WORD WIRE IN INNER
80
5.5±0.1
ø
2.1±0.1
ø
L04
1000±100
Stontronics Ltd
13 ~ 24 Watt C8 Desktop SMPSU Range



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com