Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP30H04NF Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP30H04NF
Description  40V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP30H04NF Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP30H04NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30H04NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30H04NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30H04NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30H04NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30H04NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30H04NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP30H04NF
40V N+N-Channel Enhancement Mode MOSFET
AP30H04NF RVE1.0
永源微電子科技有限公司
Package Mechanical Data-DFN5*6-8L-JQ Double
Symbol
Common
mm
Mim
Nom
Max
A
0.90
1.00
1.10
b
0.33
0.41
0.51
C
0.20
0.25
0.30
D1
4.80
4.90
5.00
D2
3.61
3.81
3.96
E
5.90
6.00
6.10
E1
5.70
3.30
3.45
E2
3.38
3.05
3.20
e
1.27BSC
H
0.41
0.51
0.61
K
1.10
--
--
L
0.51
0.61
0.71
L1
0.06
0.13
0.20
M
0.50
--
--
a
0°
--
12°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com