Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9600DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9600DP
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DP Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9600DP Datasheet HTML 1Page - NXP Semiconductors PCA9600DP Datasheet HTML 2Page - NXP Semiconductors PCA9600DP Datasheet HTML 3Page - NXP Semiconductors PCA9600DP Datasheet HTML 4Page - NXP Semiconductors PCA9600DP Datasheet HTML 5Page - NXP Semiconductors PCA9600DP Datasheet HTML 6Page - NXP Semiconductors PCA9600DP Datasheet HTML 7Page - NXP Semiconductors PCA9600DP Datasheet HTML 8Page - NXP Semiconductors PCA9600DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
PCA9600
Dual bidirectional bus buffer
Rev. 6.1 — 20 December 2021
Product data sheet
1 General description
The PCA9600 is designed to isolate I2C-bus capacitance, allowing long buses to be
driven in point-to-point or multipoint applications of up to 4 000 pF. The PCA9600 is
a higher-speed version of the P82B96. It creates a non-latching, bidirectional, logic
interface between a normal I2C-bus and a range of other higher capacitance or different
voltage bus configurations. It can operate at speeds up to at least 1 MHz, and the high
drive side is compatible with the Fast-mode Plus (Fm+) specifications.
The PCA9600 features temperature-stabilized logic voltage levels at its SX/SY interface
making it suitable for interfacing with buses that have non I2C-bus-compliant logic levels
such as SMBus, PMBus, or with microprocessors that use those same TTL logic levels.
The separation of the bidirectional I2C-bus signals into unidirectional TX and RX signals
enables the SDA and SCL signals to be transmitted via balanced transmission lines
(twisted pairs), or with galvanic isolation using opto or magnetic coupling. The TX and RX
signals may be connected together to provide a normal bidirectional signal.
2 Features and benefits
• Bidirectional data transfer of I2C-bus signals
• Isolates capacitance allowing 400 pF on SX/SY side and 4 000 pF on TX/TY side
• TX/TY outputs have 60 mA sink capability for driving low-impedance or high-capacitive
buses
• 1 MHz operation on up to 20 meters of wire (see AN10658)
• Supply voltage range of 2.5 V to 15 V with I2C-bus logic levels on SX/SY side
independent of supply voltage
• Splits I2C-bus signal into pairs of forward/reverse TX/RX, TY/RY signals for interface
with opto-electrical isolators and similar devices that need unidirectional input and
output signal paths
• Low power supply current
• ESD protection exceeds 3500 V HBM per JESD22-A114 and 1400 V CDM per
JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
• Packages offered: SO8 and TSSOP8 (MSOP8)
3 Applications
• Interface between I2C-buses operating at different logic levels (for example, 5 V and
3 V or 15 V)
• Interface between I2C-bus and SMBus (350 μA) standard or Fm+ standard
• Simple conversion of I2C-bus SDA or SCL signals to multi-drop differential bus
hardware, for example, via compatible PCA82C250


Similar Part No. - PCA9600DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600DP NXP-PCA9600DP Datasheet
499Kb / 30P
Dual bidirectional bus buffer
Rev. 04-11 November 2009
PCA9600DP NXP-PCA9600DP Datasheet
382Kb / 31P
Dual bidirectional bus buffer
Rev. 5-5 May 2011
More results

Similar Description - PCA9600DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
Dual bidirectional bus buffer
Rev. 06-31 January 2008
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
Dual bidirectional bus buffer
Rev. 04-11 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
Dual bidirectional bus buffer
Rev. 5-5 May 2011
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
Dual bidirectional bus buffer
Rev. 2-6 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
QUAD BIDIRECTIONAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com