| Electronic Components Datasheet Search |
|
LS8-WS Datasheet(PDF) 19 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
LS8-WS Datasheet(HTML) 19 Page - PANDUIT CORP. |
|
19 / 28 page ![]() 17 For service and technical support, call 800-777-3300 or visit www.panduit.com Horizontal Link Identification – IDC Punchdown Block Section 5.1.2 States A horizontal link identifier, unique within the building, shall be assigned to each horizontal link and to its elements. In the TS (Telecommunications Space), each section of an IDC connector (punchdown block) terminating a four pair cable shall be labeled with the “an” portion of the identifier. This requirement may be met by labeling an IDC connector or group of IDC connectors with the “a” portion of the identifier, and the section of an IDC connector terminating a four pair cable labeled with the “n” portion where: a = one to two alpha characters uniquely identifying an IDC connector, or a group of IDC connectors, serving as part of the horizontal cross-connect n = two to four numeric characters designating the section of an IDC connector on which a four pair horizontal cable is terminated For example: “B04” = IDC block B, position 04 Panduit labels for laser/ink jet and thermal transfer printers can be generated by a mechanical device and are made of durable polymer construction that will withstand the effects of moisture, heat, and time. Desktop Laser/Ink Jet Labels Order number of labels required in multiples of Standard Package Quantity. Order number of cassettes required. Order number of labels required in multiples of Standard Package Quantity. TDP43MY Desktop Thermal Transfer Labels PanTher ™ LS8E Hand-Held Thermal Transfer Printer Label Cassette Part Number Part Description Width Height Std. Pkg. Qty. Std. Ctn. Qty. In. mm In. mm C750X050Y1J White, non-adhesive polyester label, 110 block identifier. 7.50 190.50 .50 12.70 500 2500 Part Number Part Description Width Height Std. Pkg. Qty. Std. Ctn. Qty. In. mm In. mm C750X050Y1T White, non-adhesive polyester label, 110 block. 7.50 190.50 .50 12.70 1 10 Part Number Part Description Width Height Std. Pkg. Qty. Std. Ctn. Qty. In. mm In. mm C750X050Y1C White, non-adhesive polyester label, 30/cassette, 110 block identifier. 7.50 190.50 .50 12.70 1 10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |