Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP30P10BD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP30P10BD
Description  -100V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP30P10BD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP30P10BD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30P10BD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30P10BD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30P10BD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30P10BD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30P10BD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30P10BD Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP30P10BD
-100V P-Channel Enhancement Mode MOSFET
AP30P10BD RVE1.0
永源微電子科技有限公司
Description
The AP30P10BD uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -100V ID =-28A
RDS(ON) <100mΩ @ VGS=10V (Type:80mΩ)
Application
Brushless motor
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP30P10BD
TO-252-3L
AP30P10BD XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-100
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V1
-28
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V1
-16
A
IDM
Pulsed Drain Current2
-85
A
EAS
Single Pulse Avalanche Energy3
147.2
mJ
IAS
Avalanche Current
-17
A
PD@TC=25℃
Total Power Dissipation4
260
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62.5
℃
/W
RθJC
Thermal Resistance Junction-Case1
2.6
℃
/W


Similar Part No. - AP30P10BD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP30P10D APME-AP30P10D Datasheet
1Mb / 6P
-100V P-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP30P10GH-HF A-POWER-AP30P10GH-HF Datasheet
101Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP30P10GH-HF A-POWER-AP30P10GH-HF_14 Datasheet
101Kb / 4P
Simple Drive Requirement
AP30P10GH-HF A-POWER-AP30P10GH-HF_16 Datasheet
54Kb / 5P
Fast Switching Characteristic
AP30P10GI A-POWER-AP30P10GI Datasheet
157Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP30P10BD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
FDMS86163P LEIDITECH-FDMS86163P Datasheet
2Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com