Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2-SOURCE Datasheet(PDF) 8 Page - TEKTRONIX, INC.

Part # 2-SOURCE
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-SOURCE Datasheet(HTML) 8 Page - TEKTRONIX, INC.

Back Button 2-SOURCE Datasheet HTML 4Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 5Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 6Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 7Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 8Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 9Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 10Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 11Page - TEKTRONIX, INC. 2-SOURCE Datasheet HTML 12Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Mask testing
Mask testing offers a good way to test the quality of a signal. A mask
defines a portion of the oscilloscope display that a signal must not
enter. A mask can be defined either based on a golden signal with user
defined tolerances or drawing mask segments on the screen.
2 Series MSO provides a comprehensive set of mask tools that allow:
• Defining test duration in number of waveforms
• Setting a violation threshold that must be met before considering a
test failure
• Counting violations/failures and reporting statistical information
• Setting actions upon violations, test failure, and test complete
Limit mask test based on golden reference signal
Serial protocol triggering and analysis (optional)
The 2 Series MSO offers a robust set of tools for working with the most
common serial buses found in embedded design including I2C, SPI,
RS-232/422/485/UART, CAN, CAN FD, LIN, SENT.
The protocol decode and triggering capability is invaluable to trace the
flow of activity through a system by observing the traffic on one or more
serial buses.
• Serial protocol triggering lets you trigger on specific packet content
including start of packet, specific addresses, specific data content,
unique identifiers, and errors.
• Bus waveforms provide a higher-level, combined view of the
individual signals (for example clock, data, chip enable, etc.) that
make up your bus, making it easy to identify where packets begin
and end, and identifying sub-packet components such as address,
data, identifier, CRC, and so on.
• The bus waveform is time-aligned with all other displayed signals,
making it easy to measure timing relationships across various parts
of the system under test.
• Bus decode table provides a tabular view of all decoded packets in
an acquisition. Packets are time stamped and listed consecutively
with columns for each component (address, data, and so on).
Bus menu provides options to configure the bus parameters
Digital channels (optional)
The 2 Series MSO comes equipped with 16 digital channels. A P6316
digital probe can be used to connect up to 16 signals to the digital
inputs of the oscilloscope. The accessories that are included with the
probe enable you to connect directly to 8x2 square pin headers. The
included flying lead sets and grabbers can be used to clip into surface
mount devices or test points offering additional flexibility.
Each digital channel can be viewed separately to see its state.
Alternately, several digital channels can be grouped to view them
together in a bus form. Symbol tables can also be applied to the
bus view to get a higher level view of the bus transactions. Pattern
triggering capability can be used to trigger on a pattern of interest.
2 Series MSO Datasheet
www.tek.com 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com