Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP50H03NF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP50H03NF
Description  30V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP50H03NF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP50H03NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50H03NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50H03NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50H03NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50H03NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50H03NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50H03NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP50H03NF
30V N+N-Channel Enhancement Mode MOSFET
AP50H03NF REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max. Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
30
36
-
V
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250μA
1.0
1.6
2.5
V
RDS(on)
Static Drain-Source on-Resistance note3
VGS =10V, ID =30A
-
4.8
6.8
mΩ
RDS(on)
Static Drain-Source on-Resistance note3
VGS =4.5V, ID =20A
-
7.2
10
mΩ
IDSS
Zero Gate Voltage Drain Current
VDS =30V, VGS = 0V,
-
-
1.0
μA
IGSS
Gate to Body Leakage Current
VDS =0V, VGS = ±20V
-
-
±100
nA
Ciss
Input Capacitance
VDS =15V, VGS =0V,
f = 1.0MHz
-
2100
-
pF
Coss
Output Capacitance
-
326
-
pF
Crss
Reverse Transfer Capacitance
-
282
-
pF
Qg
Total Gate Charge
VDS =15V, ID =30A,
VGS =10V
-
45
-
nC
Qgs
Gate-Source Charge
-
3
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
15
-
nC
td(on)
Turn-on Delay Time
VDS=15V,
ID=30A, RGEN=3Ω,
VGS =10V
-
21
-
ns
tr
Turn-on Rise Time
-
32
-
ns
td(off)
Turn-off Delay Time
-
59
-
ns
tf
Turn-off Fall Time
-
34
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
90
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
360
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS=30A
-
-
1.2
V
trr
Body Diode Reverse Recovery Time
IF=20A,dI/dt=100A/μs
-
15
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
4
-
nC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The test cond
≦ 300us , duty cycle ition is VDD=25V,VGS =10V,L=0.1mH,IAS=20A
4、The power dissipation is limited by 175
℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com