Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPDWL5V0MHT-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CPDWL5V0MHT-HF
Description  SMD ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDWL5V0MHT-HF Datasheet(HTML) 3 Page - Comchip Technology

  CPDWL5V0MHT-HF Datasheet HTML 1Page - Comchip Technology CPDWL5V0MHT-HF Datasheet HTML 2Page - Comchip Technology CPDWL5V0MHT-HF Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Taping Specification
Comchip Technology CO., LTD.
Page 3
SIZE
(mm)
01005
A
B
C
P0
P
P1
d
E
F
W
T
0.27±0.02
0.49±0.02
0.215±0.02
2.00±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.75±0.10
3.50±0.05
8.00+0.30/−0.10
0.20±0.05
Suggested P.C.B. PAD Layout
B
C
D
A
Size
A
B
C
D
0.12
(mm)
(inch)
01005
0.005
0.007
0.17
0.007
0.46
0.018
0.17
Symbol
A
A1
b
E
D
e
L
0.15
Min
Nom
Max
Millimeters
Case 01005
WL, 0.42x0.22, 0.26P
Package Dimensions
E
Top View
D
A
Side View
e
Bottom View
L
b
A1
0.17
0.20
0.01
-
-
-
-
0.13
0.16
0.17
0.40
0.42
0.44
0.20
0.22
0.24
0.26
0.07
0.10
0.11
A
B
P
E
F
W
T
C
d
P0
P1
SMD ESD Protection Diode
QW-G7183
REV:B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com