Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT7886SPER Datasheet(PDF) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT7886SPER
Description  100V Input, 3.5A, Switching Current Limit Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT7886SPER Datasheet(HTML) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT7886SPER Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT7886SPER Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT7886SPER Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT7886SPER Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT7886SPER Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT7886SPER Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd. HT7886SPER Datasheet HTML 7Page - Jiaxing Heroic Technology Co.,Ltd. HT7886SPER Datasheet HTML 8Page - Jiaxing Heroic Technology Co.,Ltd. HT7886SPER Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HT7886
Buck Converter
Copyright©2023, Heroic Technology
-2-
8/2023 – V1.2
◼ DESCRIPTION
The HT7886 is a high-voltage, step-down, switching
regulator that delivers up to 2A of continuous current to the
load. It integrates a high-side, high-voltage, power
MOSFET with a current limit of 3.5A, typically. The wide 5V
to 100V input range accommodates a variety of step-down
applications, making it ideal for automotive, industry, and
lighting applications. Hysteretic voltage-mode control is
employed for very fast response.
The switching frequency can be up to 1MHz, allowing for
small component size. Thermal shutdown and short-circuit
protection (SCP) provide reliable and fault-tolerant
operations. A 200µA quiescent current allows the HT7886
to be used in battery-powered applications.
The HT7886 is available in ESOP8 package.
HT7886是一款高压降压开关稳压器,可向负载
提供高达
2A的连续电流。它集成了高压的高端
功率
MOSFET,电流限制通常为3.5A。其极宽
的
5V至100V输入电压范围能适应各种降压应
用,使其成为汽车、工业和照明应用的理想选
择。迟滞电压模式控制的应用,使其具有良好
的瞬态响应能力。
开关频率可高达
1MHz,从而允许小尺寸的外
围器件。过热保护和短路保护(
SCP)使芯片
具有较好的可靠性和容错机制。
200µA的静态
电流允许
HT7886用于电池供电的应用中。
该产品提供
ESOP8封装。
◼ TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com