Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX202EC/D Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX202EC/D
Description  15kV ESD-Protected, 5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX202EC/D Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX202EC/D Datasheet HTML 15Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 16Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 17Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 18Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 19Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 20Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 21Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 22Page - Maxim Integrated Products MAX202EC/D Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
______________________________________________________________________________________
19
±15kV ESD-Protected, +5V RS-232 Transceivers
____________Pin Configurations and Typical Operating Circuits (continued)
T2OUT
T1OUT
R2IN
R2OUT
T1IN
R1OUT
R1IN
GND
VCC
C1+
V+
C1-
DIP/SO/SSOP
TOP VIEW
MAX208E
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
T3OUT
R3IN
R3OUT
T4IN
T4OUT
T3IN
T2IN
R4OUT
R4IN
V-
C2-
C2+
VCC
TTL/CMOS
INPUTS
GND
+5V INPUT
+5V
T1OUT
400k
Ω
T1IN
T1
2
+5V
T2OUT
400k
Ω
T2IN
T2
1
+5V
T3OUT
400k
Ω
T3IN
T3
24
+5V
T4OUT
400k
Ω
T4IN
T4
20
5k
Ω
R1
R1OUT
R1IN
5k
Ω
R2
R2OUT
R2IN
5k
Ω
5k
Ω
R3
R3OUT
R3IN
5
18
19
21
6
4
22
7
3
23
8
9
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS
R4
R4OUT
R4IN
17
16
0.1
µF
V+
0.1
µF
6.3V
0.1
µF
16V
C1+
C1-
0.1
µF
6.3V
0.1
µF
16V
V-
10
12
13
14
C2+
C2-
11
15
+5V TO +10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com