Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP65N06CP Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP65N06CP
Description  60V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP65N06CP Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP65N06CP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP65N06CP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP65N06CP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP65N06CP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP65N06CP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP65N06CP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP65N06CP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP65N06CP
60V N-Channel Enhancement Mode MOSFET
AP65N06CP RVE1.0
永源微電子科技有限公司
Description
The AP65N06CP is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 60V ID =65A
RDS(ON) < 22mΩ @ VGS=10V (Type:14mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP65N06CP
TO-220-3L
AP65N06CP XXX YYYY
100
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
60
V
ID
Continuous Drain Current
50
A
IDM
Pulsed Drain Current
(note1)
200
A
VGS
Gate-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy (note2)
288
mJ
IAR
Avalanche Current (note1)
24
A
EAR
Repetitive Avalanche Energy note1)
1.15
mJ
PD
Power Dissipation (TC = 25ºC)
104
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
1.2
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
62.5
ºC/W


Similar Part No. - AP65N06CP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP65N06D APME-AP65N06D Datasheet
858Kb / 7P
65V N-Channel Enhancement Mode MOSFET
REV1.1
AP65N06NF APME-AP65N06NF Datasheet
994Kb / 7P
65V N-Channel Enhancement Mode MOSFET
REV1.1
AP65N06P APME-AP65N06P Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode MOSFET
AP65N06PT APME-AP65N06PT Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode MOSFET
AP65N06T APME-AP65N06T Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP65N06CP

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com