Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N7002LDBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # 2N7002LDBVR
Description  2N7002L 6V N-channel MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

2N7002LDBVR Datasheet(HTML) 4 Page - Texas Instruments

  2N7002LDBVR Datasheet HTML 1Page - Texas Instruments 2N7002LDBVR Datasheet HTML 2Page - Texas Instruments 2N7002LDBVR Datasheet HTML 3Page - Texas Instruments 2N7002LDBVR Datasheet HTML 4Page - Texas Instruments 2N7002LDBVR Datasheet HTML 5Page - Texas Instruments 2N7002LDBVR Datasheet HTML 6Page - Texas Instruments 2N7002LDBVR Datasheet HTML 7Page - Texas Instruments 2N7002LDBVR Datasheet HTML 8Page - Texas Instruments 2N7002LDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted) (1)
MIN
MAX
UNIT
VDS
Drain-to-Source Voltage
6
V
VGS
Gate-to-Source Voltage
7
V
ID
Drain Current TA = 25°C
1.4
A
ID
Drain Current TA = 85°C
437
mA
IDM
Pulsed Drain Current (tp = 1s)
1.43
A
TJ , TSTG
Operating Junction and Storage Temperature Range
-65
150
°C
IS
Source Current
1.4
A
TL
Lead Temp for Soldering Purpose
260
°C
ESD
Gate-Source / Gate-Drain ESD Rating
2000
V
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 Thermal Information
THERMAL METRIC(1)
2N7002L
UNIT
DCK
3 PINS
RθJA
Junction-to-ambient thermal resistance
265.4
°C/W
RθJC(top
Junction-to-case (top) thermal resistance
142.3
°C/W
RθJB
Junction-to-board thermal resistance
82.4
°C/W
ΨJT
Junction-to-top characterization parameter
38.2
°C/W
ΨJB
Junction-to-board characterization parameter
81.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
2N7002L
SLVSJE8A – DECEMBER 2025 – REVISED FEBRUARY 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: 2N7002L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com