Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLUGLOCK9WR Datasheet(PDF) 1 Page - Amphenol Socapex

Part # PLUGLOCK9WR
Description  CapLock & PlugLock Locking accessories for 38999, RJFTV, USBFTV Connectors and Caps...
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLSOCAPEX [Amphenol Socapex]
Direct Link  https://www.amphenol-socapex.com/
Logo AMPHENOLSOCAPEX - Amphenol Socapex

PLUGLOCK9WR Datasheet(HTML) 1 Page - Amphenol Socapex

  PLUGLOCK9WR Datasheet HTML 1Page - Amphenol Socapex PLUGLOCK9WR Datasheet HTML 2Page - Amphenol Socapex PLUGLOCK9WR Datasheet HTML 3Page - Amphenol Socapex PLUGLOCK9WR Datasheet HTML 4Page - Amphenol Socapex PLUGLOCK9WR Datasheet HTML 5Page - Amphenol Socapex PLUGLOCK9WR Datasheet HTML 6Page - Amphenol Socapex PLUGLOCK9WR Datasheet HTML 7Page - Amphenol Socapex PLUGLOCK9WR Datasheet HTML 8Page - Amphenol Socapex  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.amphenol-socapex.com
Due to technical progress, all information provided is subject to change without prior notice
Designed by Amphenol Socapex
www.amphenol-socapex.com
Due to technical progress, all information provided is subject to change without prior notice
Designed by Amphenol Socapex
CapLock & PlugLock
Locking accessories for 38999, RJFTV, USBFTV Connectors and Caps...
Main Features
Cybersecurity is achieved through a combination of precautions, not just
one, such as a password. One way to reduce the risk of opportunity intrusion
into the electronics through the connectors is by adding locking devices.
Main Characteristics :
•
Locking system preventing any access to critical connector. Prevent from intrusion or human error.
•
For MIL-DTL-38999 series III shell type.
•
Shocks : IK06 : weight of 250g drop from 40cm [15.75 in] onto the caplock or pluglock mounted.
•
3D Printed with composite material.
•
Colour : Grey.
•
2 Locking types available:
• Cable seal, metal wire, must be cut to unlock.
• Torx Safety screw, removable with an adapted key wrench.
CapLock is a locking ring that allows a Cap to lock onto a receptacle to secure the port access.
Once locked around the cap, Caplock turns freely around the cap and prevents fingers from
unlocking it.
PlugLock is a locking ring that allows a plug to lock onto a receptacle to secure the plug to
receptacle connection. Once locked around the plug coupling nut, Pluglock turns freely
around it and prevent the fingers from unlocking it.
Markets & Applications
C5ISR
Network Access & Maintenance Ports securing
Military Computers Ports securing
SDR Radios Ports securing
Human Machine Interface securing
Naval
Consols Ports securing
Network Access & Maintenance Ports securing
Data Centers
Military Aerospace & Airframe
Radars
Display unit
Flight control system
Military vehicles
Vetronics
Optronics
Communication Systems
The contribution of Connectors to better
Cybersecurity - 38999 Series III, RJFTV, USBFTV...
Watch our video
CapLock assembly
instruction video
Scan
& discover !
PlugLock assembly
instruction video
Scan
& discover !


Similar Part No. - PLUGLOCK9WR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PLUG-CR95HF-B STMICROELECTRONICS-PLUG-CR95HF-B Datasheet
155Kb / 5P
Daughter board for the CR95HF 13.56 MHz transceiver IC
15-Mar-2012
logo
AG Electronica
PLUG-RJ11 AGELECTRONICA-PLUG-RJ11 Datasheet
263Kb / 1P
PLUG RJ11 4 HILOS P/CABLE UTP
31/10/2017
PLUG-RJ12 AGELECTRONICA-PLUG-RJ12 Datasheet
284Kb / 1P
PLUG RJ12 6HILOS P/CABLE UTP
31/10/2017
PLUG-RJ45 AGELECTRONICA-PLUG-RJ45 Datasheet
230Kb / 1P
PLUG RJ45 8 HILOS P/CABLE UTP CATEGORIA 5
31/10/2017
More results

Similar Description - PLUGLOCK9WR

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-20C20 GLENAIR-M24758-20C20 Datasheet
62Kb / 2P
Adapter for MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
KTSC-22Y ETC2-KTSC-22Y Datasheet
153Kb / 3P
Caps for MCDTS2 Series Keyboard Switches and Accessories
logo
Glenair, Inc.
370-024 GLENAIR-370-024 Datasheet
691Kb / 3P
PowerTrip Connectors and Accessories
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
Connectors and Accessories
660PS097 GLENAIR-660PS097 Datasheet
470Kb / 3P
Connectors and Accessories
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
Connectors and Accessories
970-003 GLENAIR-970-003 Datasheet
327Kb / 2P
PowerTrip Connectors and Accessories
970-007 GLENAIR-970-007 Datasheet
495Kb / 2P
PowerTrip Connectors and Accessories
970-010 GLENAIR-970-010 Datasheet
304Kb / 2P
PowerTrip Connectors and Accessories
logo
Adlink Technology Inc.
HPERC-IBR-MH ADLINK-HPERC-IBR-MH Datasheet
404Kb / 4P
Rugged System and MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com