Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW324DT Datasheet(PDF) 36 Page - STMicroelectronics

Part # M29DW324DT
Description  32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW324DT Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M29DW324DT Datasheet HTML 32Page - STMicroelectronics M29DW324DT Datasheet HTML 33Page - STMicroelectronics M29DW324DT Datasheet HTML 34Page - STMicroelectronics M29DW324DT Datasheet HTML 35Page - STMicroelectronics M29DW324DT Datasheet HTML 36Page - STMicroelectronics M29DW324DT Datasheet HTML 37Page - STMicroelectronics M29DW324DT Datasheet HTML 38Page - STMicroelectronics M29DW324DT Datasheet HTML 39Page - STMicroelectronics M29DW324DT Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
M29DW324DT, M29DW324DB
36/49
Table 22. Bottom Boot Block Addresses, M29DW324DB
Block
(Kbytes/
Kwords)
Protection Block
Group
(x8)
(x16)
0
8/4
Protection Group
000000h-001FFFh(1)
000000h–000FFFh(1)
1
8/4
Protection Group
002000h-003FFFh(1)
001000h–001FFFh(1)
2
8/4
Protection Group
004000h-005FFFh(1)
002000h–002FFFh(1)
3
8/4
Protection Group
006000h-007FFFh(1)
003000h–003FFFh(1)
4
8/4
Protection Group
008000h-009FFFh(1)
004000h–004FFFh(1)
5
8/4
Protection Group
00A000h-00BFFFh(1)
005000h–005FFFh(1)
6
8/4
Protection Group
00C000h-00DFFFh(1)
006000h–006FFFh(1)
7
8/4
Protection Group
00E000h-00FFFFh(1)
007000h–007FFFh(1)
8
64/32
Protection Group
010000h-01FFFFh
008000h–00FFFFh
9
64/32
020000h-02FFFFh
010000h–017FFFh
10
64/32
030000h-03FFFFh
018000h–01FFFFh
11
64/32
Protection Group
040000h-04FFFFh
020000h–027FFFh
12
64/32
050000h-05FFFFh
028000h–02FFFFh
13
64/32
060000h-06FFFFh
030000h–037FFFh
14
64/32
070000h-07FFFFh
038000h–03FFFFh
15
64/32
Protection Group
080000h-08FFFFh
040000h–047FFFh
16
64/32
090000h-09FFFFh
048000h–04FFFFh
17
64/32
0A0000h-0AFFFFh
050000h–057FFFh
18
64/32
0B0000h-0BFFFFh
058000h–05FFFFh
19
64/32
Protection Group
0C0000h-0CFFFFh
060000h–067FFFh
20
64/32
0D0000h-0DFFFFh
068000h–06FFFFh
21
64/32
0E0000h-0EFFFFh
070000h–077FFFh
22
64/32
0F0000h-0FFFFFh
078000h–07FFFFh
23
64/32
Protection Group
100000h-10FFFFh
080000h–087FFFh
24
64/32
110000h-11FFFFh
088000h–08FFFFh
25
64/32
120000h-12FFFFh
090000h–097FFFh
26
64/32
130000h-13FFFFh
098000h–09FFFFh
27
64/32
Protection Group
140000h-14FFFFh
0A0000h–0A7FFFh
28
64/32
150000h-15FFFFh
0A8000h–0AFFFFh
29
64/32
160000h-16FFFFh
0B0000h–0B7FFFh
30
64/32
170000h-17FFFFh
0B8000h–0BFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com