Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W800CB70ZB1T Datasheet(PDF) 32 Page - STMicroelectronics

Part # M28W800CB70ZB1T
Description  8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W800CB70ZB1T Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M28W800CB70ZB1T Datasheet HTML 28Page - STMicroelectronics M28W800CB70ZB1T Datasheet HTML 29Page - STMicroelectronics M28W800CB70ZB1T Datasheet HTML 30Page - STMicroelectronics M28W800CB70ZB1T Datasheet HTML 31Page - STMicroelectronics M28W800CB70ZB1T Datasheet HTML 32Page - STMicroelectronics M28W800CB70ZB1T Datasheet HTML 33Page - STMicroelectronics M28W800CB70ZB1T Datasheet HTML 34Page - STMicroelectronics M28W800CB70ZB1T Datasheet HTML 35Page - STMicroelectronics M28W800CB70ZB1T Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
M28W800CT, M28W800CB
32/49
PART NUMBERING
Table 21. Ordering Information Scheme
Table 22. Daisy Chain Ordering Scheme
Note:Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of available
options (Speed, Package, etc...) or for further information on any aspect of this device, please contact
the ST Sales Office nearest to you.
Example:
M28W800CT
90
N
6
T
Device Type
M28
Operating Voltage
W=VDD = 2.7V to 3.6V; VDDQ = 1.65V to 3.6V
Device Function
800C = 8 Mbit (512Kb x16), Boot Block
Array Matrix
T=TopBoot
B = Bottom Boot
Speed
70 = 70 ns
85 = 85 ns
90 = 90 ns
100 = 100 ns
Package
N = TSOP48: 12 x 20 mm
ZB = TFBGA46: 6.39 x 6.37mm, 0.75 mm pitch
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
T = Tape & Reel Packing
Example:
M28W800C
-ZB
T
Device Type
M28W800C
Daisy Chain
-ZB = TFBGA46: 6.39 x 6.37mm, 0.75 mm pitch
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com