Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP75N20CF Datasheet(PDF) 4 Page - A POWER MICROELECTRONICS

Part # AP75N20CF
Description  200V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP75N20CF Datasheet(HTML) 4 Page - A POWER MICROELECTRONICS

  AP75N20CF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP75N20CF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP75N20CF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP75N20CF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP75N20CF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP75N20CF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP75N20CF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP75N20CF
200V N-Channel Enhancement Mode MOSFET
AP75N20CF REV1.0
永源微電子科技有限公司
Figure7:Source ON Resistance vs Drain Current
Figure8:Source on Resistance vs
Junction Temperature
Figure 9 Typical Theshold Voltage vs Junction Temperature
Figure 10 Typical Breakdown Voltage vs
Junction Temperature
Figure 11 Typical Capacitance vs Drain to Source Voltag
Figure 12 Typical Gate Charge vs Gate
to Source Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com