Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP80N04F Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP80N04F
Description  40V N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80N04F Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP80N04F Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80N04F Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80N04F Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80N04F Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80N04F Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80N04F Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80N04F Datasheet HTML 7Page - A POWER MICROELECTRONICS AP80N04F Datasheet HTML 8Page - A POWER MICROELECTRONICS AP80N04F Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP80N04FIPIT
40V N-Channel Enhancement Mode MOSFET
AP80N04F/P/T REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ
Max
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V,ID=250μA
40
44
-
V
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250μA
1.0
1.5
2.5
V
△BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25
℃ , ID=1mA
---
0.034
---
V/
℃
RDS(on)
Static Drain-Source on-Resistance
note3
VGS =10V, ID =30A
-
5.5
7.0
mΩ
VGS =4.5V, ID =20A
-
9.0
12
IDSS
Zero Gate Voltage Drain Current
VDS =40V, VGS = 0V,
-
-
1.0
μA
IGSS
Gate to Body Leakage Current
VDS =0V,VGS = ±20V
-
-
±10
0
nA
Ciss
Input Capacitance
VDS = 20V, VGS =0V, f =
1.0MHz
-
2400
-
pF
Coss
Output Capacitance
-
192
-
pF
Crss
Reverse Transfer Capacitance
-
165
-
pF
Qg
Total Gate Charge
VDS =20V, ID =30A,
VGS =10V
-
37
-
nC
Qgs
Gate-Source Charge
-
6
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
7
-
nC
td(on)
Turn-on Delay Time
V DD=20V, ID =30A,
RL=1Ω, RGEN=3Ω,
VGS =10V
-
12
-
ns
tr
Turn-on Rise Time
-
12
-
ns
td(off)
Turn-off Delay Time
-
38
-
ns
tf
Turn-off Fall Time
-
9
-
ns
IS
Maximum Continuous Drain to Source Diode ForwardCurrent
-
-
60
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
240
A
VSD
Drain to Source Diode Forward
Voltage
VGS =0V, IS=30A
-
-
1.2
V
trr
Body Diode Reverse Recovery Time
TJ=25
℃,IF=20A,dI/dt=100A/μ
s
-
22
-
ns
Qrr
Body Diode Reverse Recovery
Charge
-
11
-
nC
Note :
1
、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3
、The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=20A
4
、The power dissipation is limited by 150℃ junction temperature
5
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com