Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP80N07BD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP80N07BD
Description  68V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80N07BD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP80N07BD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80N07BD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80N07BD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80N07BD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80N07BD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80N07BD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80N07BD Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP80N07BD
68V N-Channel Enhancement Mode MOSFET
AP80N07BD REV1.0
永源微電子科技有限公司
Description
The AP80N07BD uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with Hight EAS. This device is suitable
for use as a Battery protectionor in other Switching
application.
General Features
VDS = 68V ID =80A
RDS(ON) < 8.0mΩ @ VGS=10V (Type:6.8mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP80N07BD
TO-252-3L
AP80N07BD XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
68
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V1
80
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V1
52
A
IDM
Pulsed Drain Current2
320
A
EAS
Single Pulse Avalanche Energy3
110
mJ
IAS
Avalanche Current
22
A
PD@TC=25
℃
Total Power Dissipation4
103
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-ambient 1
63
℃/W
RθJC
Thermal Resistance Junction-Case1
1.46
℃/W


Similar Part No. - AP80N07BD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP80N07D APME-AP80N07D Datasheet
1Mb / 7P
68V N-Channel Enhancement Mode MOSFET
AP80N07F APME-AP80N07F Datasheet
1Mb / 7P
68V N-Channel Enhancement Mode MOSFET
REV1.0
AP80N07NF APME-AP80N07NF Datasheet
1Mb / 7P
68V N-Channel Enhancement Mode MOSFET
AP80N07P APME-AP80N07P Datasheet
1Mb / 7P
68V N-Channel Enhancement Mode MOSFET
REV1.0
AP80N07T APME-AP80N07T Datasheet
1Mb / 7P
68V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP80N07BD

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF6908 GOOD-ARK-SSF6908_15 Datasheet
1Mb / 7P
68V N-Channel MOSFET
SSF6814 GOOD-ARK-SSF6814_15 Datasheet
1Mb / 5P
68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A_15 Datasheet
1,000Kb / 5P
68V N-Channel MOSFET
SSF6808 GOOD-ARK-SSF6808_15 Datasheet
961Kb / 5P
68V N-Channel MOSFET
SSF6808 GOOD-ARK-SSF6808 Datasheet
961Kb / 5P
68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A Datasheet
1,000Kb / 5P
68V N-Channel MOSFET
SSF6814 GOOD-ARK-SSF6814 Datasheet
1Mb / 5P
68V N-Channel MOSFET
SSF6908 GOOD-ARK-SSF6908 Datasheet
1Mb / 7P
68V N-Channel MOSFET
SSF7008 GOOD-ARK-SSF7008 Datasheet
1Mb / 7P
68V N-Channel MOSFET
logo
Guangdong Youtai Semico...
SVT078R0ND UMW-SVT078R0ND Datasheet
1,016Kb / 7P
68V N-Channel Power Mosfet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com