Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E6C3 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E6C3
Description  An Encoder That Offers Durability and Convenience
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E6C3 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E6C3 Datasheet HTML 9Page - Omron Electronics LLC E6C3 Datasheet HTML 10Page - Omron Electronics LLC E6C3 Datasheet HTML 11Page - Omron Electronics LLC E6C3 Datasheet HTML 12Page - Omron Electronics LLC E6C3 Datasheet HTML 13Page - Omron Electronics LLC E6C3 Datasheet HTML 14Page - Omron Electronics LLC E6C3 Datasheet HTML 15Page - Omron Electronics LLC E6C3 Datasheet HTML 16Page - Omron Electronics LLC E6C3 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
E6C3 Rotary Encoder (Incremental/Absolute)
13
Ladder Program Example
Use the CTBL instruction of the CQM1-CPU44-E to register a maxi-
mum of eight comparison tables for output angle setting.
Example of DM Setting for Comparison Table
Note: An upper or lower limit can be set with integers in BCD mode
and 5
° increments in 360° mode. Subroutine numbers are set
for interrupt processing.
Internal Bits of CQM1-CPU44-E
• Range Comparison Result
Each bit of the CQM1-CPU44-E CPU Unit’s words AR 05 and AR
06 turns ON only when the comparison range coincides with the
angle of E6C3-AG5C. If it does not coincide, the bit turns (remains)
OFF.
• Present Value Read
The gray code signals of the E6C3-AG5C are automatically con-
verted into BCD or 360
° code signals and read through the CQM1-
CPU44-E CPU Unit’s words AR 232 and AR 234. The present
value can be used for ladder programs.
Note: For details on the CQM1-CPU44-E, refer to the CQM1 Pro-
gramming Manual (W228).
■ Absolute Rotary Encoders
Connecting to CPM1A Using a
Resolution of 720 per Rotation
Wiring Between E6C3-AG5C and CPM1A
Output Timing
Port 1 angle
✽ ✽ ✽ ✽
Word 232
Port 2 angle
✽ ✽ ✽ ✽
Word 234
AR0502
AR0501
AR0500
10002
10001
Output
10000
One scan ON
25315
END (01)
CTBL (63)
001
001
DM0000
Select port 1 for table
registration, comparison mode
setting, and comparison-table
first channel setting.
0000
0512
0000
0256
0768
0000
0128
0640
0000
0000
0000
0000
DM 0000
0001
0002
0003
0004
0005
0006
0007
0008
0009
0022
0023
Lower limit 1
Upper limit 1
Subroutine number 1
Lower limit 2
Upper limit 2
Subroutine number 2
Lower limit 3
Upper limit 3
Subroutine number 3
Lower limit 4
Upper limit 8
Subroutine number 8
Bit AR 0500
Bit AR 0501
Bit AR 0502
Not used.
Bit 7
0
Port 1 comparison result
Port 2 comparison result
AR 05
AR 06
Comparison 1 result
1: Conformity
0: Nonconformity
Comparison 8 result
Output signal from E6C3-AG5C
Input signal to CPM1A
Brown (20)
00000
Orange (21)
00001
Yellow (22)
00002
Green (23)
00003
Blue (24)
00004
Purple (25)
00005
Gray (26)
00006
White (27)
00007
Pink (28)
00008
Light blue (29)
00009
E6C3-AG5C
CPM1A-20CD@-@
Angle of E6C3-AG5C
0
90
180
360
540
659
01000
01001
01002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com