Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HFE
Description  Ceramic Singlelayer DC Disc Capacitors, 6 kVDC General Purpose
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFE Datasheet(HTML) 3 Page - Vishay Siliconix

  HFE Datasheet HTML 1Page - Vishay Siliconix HFE Datasheet HTML 2Page - Vishay Siliconix HFE Datasheet HTML 3Page - Vishay Siliconix HFE Datasheet HTML 4Page - Vishay Siliconix HFE Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HFU, HFZ, HFE Series
www.vishay.com
Vishay Roederstein
Revision: 28-Jan-2022
3
Document Number: 22156
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Standard lead configuration, other lead spacing and diameter available on request
(2) ± 10 % available on request
STORAGE
The capacitors must not be stored in a corrosive atmosphere, where sulphide or chloride gas, acid, alkali or salt are present.
Exposure of the components to moisture, should be avoided. The solderability of the leads is not affected by storage of up to
24 months (temperature +10 °C to +35 °C, relative humidity up to 60 %). Class 2 ceramic dielectric capacitors are also subject
to aging, see www.vishay.com/doc?22001.
SOLDERING
Y5U
150
± 20
7.0
5.0
12.5
0.6
3.5
HFE151MBF###KR
220
HFE221MBF###KR
330
9.0
HFE331MBF###KR
470
HFE471MBF###KR
680
HFE681MBF###KR
1000
11.0
5.5
HFE102MBF###KR
1500
13.0
HFE152MBF###KR
2200
15.0
HFE222MBF###KR
3300
21.0
0.8
HFE332MBF###KR
4700
HFE472MBF###KR
6800
23.0
HFE682MBF###KR
ORDERING CODE
#7th digit
Capacitance tolerance
± 10 % = K, ± 20 % = M
###
10th to 12th digit
Lead configuration
See “General Information” www.vishay.com/doc?22001
Example
HFE
682
M
BF
EF0
K
R
Series
Capacitance
value
Tolerance code
Voltage code
Lead
configuration
Internal code
RoHS
compliant
MARKING
SOLDERING SPECIFICATIONS
Soldering test for capacitors with wire leads: (according to IEC 60068-2-20, solder bath method)
SOLDERABILITY
RESISTANCE TO SOLDERING HEAT
Soldering temperature
235 °C ± 5 °C
260 °C ± 5 °C
Soldering duration
2 s ± 0.5 s
10 s ± 1 s
Distance from component body
≥ 2 mm
≥ 5 mm
ORDERING INFORMATION
CAPACITANCE
(pF)
TOLERANCE
(%)
BODY
DIAMETER
Dmax. (mm)
BODY
THICKNESS
Smax. (mm)
LEAD
SPACING (1)
F (mm)
± 1 mm
LEAD
DIAMETER (1)
d (mm)
± 0.05 mm
WIDTH (1)
V (mm)
± 0.5 mm
ORDERING CODE
MISSING DIGITS
SEE ORDERING
CODE BELOW
HFU 10 pF to 100 pF
HFZ 56 pF to 470 pF
HFU 150 pF to 330 pF
HFZ 560 pF to 2.7 nF
HFE 150 pF to 1.0 nF
HFE 1.5 nF to 6.8 nF
n33 K
6 kV D
4n7 M
6 kV D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com