Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D820LP Datasheet(PDF) 15 Page - Intel Corporation

Part # D820LP
Description  Desktop Boards
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D820LP Datasheet(HTML) 15 Page - Intel Corporation

Back Button D820LP Datasheet HTML 9Page - Intel Corporation D820LP Datasheet HTML 10Page - Intel Corporation D820LP Datasheet HTML 11Page - Intel Corporation D820LP Datasheet HTML 12Page - Intel Corporation D820LP Datasheet HTML 13Page - Intel Corporation D820LP Datasheet HTML 14Page - Intel Corporation D820LP Datasheet HTML 15Page - Intel Corporation D820LP Datasheet HTML 16Page - Intel Corporation D820LP Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
D820LP SPECIFICATION UPDATE
9
DOCUMENTATION CHANGES
The Documentation Changes listed in this section apply to the
D820LP Motherboard Technical Product
Specification (Order Number A15751). All Documentation Changes will be incorporated into a future version
of that specification.
1.
Change to Description of BIOS Main Menu Memory Option
In section 4.3, Table 56, BIOS Main Menu will be changed as follows:
Table 1.
Main Menu
Feature
Options
Description
BIOS Version
No options
Displays the version of the BIOS.
Processor Type
No options
Displays processor type.
Processor Speed
No options
Displays processor operating frequency.
System Bus
Frequency
No options
Displays the of the system front side bus
frequency.
Cache RAM
No options
Displays the size of second-level cache
and whether it is ECC-capable.
Total Memory
No options
Displays the total amount of RAM.
Memory Bank 0
Memory Bank 1
No options
Displays type of RIMM installed in each
memory bank.
Language
• English (US) (default)
• German
• French
• Italian
• Spanish
Selects the default language used by the
BIOS.
Processor Serial
Number
• Disabled (default)
• Enabled
Enables and disables the processor
serial number.
Memory
Configuration
• Non-ECC
• ECC (default)
Allows selection of ECC-mode memory
operation if ECC-type memory is
installed.
System Time
Hour, minute, and second
Specifies the current time.
System Date
Month, day, and year
Specifies the current date.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com