Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS9001 Datasheet(PDF) 4 Page - STMicroelectronics

Part # THS9001
Description  50 MHz to 350 MHz CASCADEABLE AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THS9001 Datasheet(HTML) 4 Page - STMicroelectronics

  THS9001_08 Datasheet HTML 1Page - STMicroelectronics THS9001_08 Datasheet HTML 2Page - STMicroelectronics THS9001_08 Datasheet HTML 3Page - STMicroelectronics THS9001_08 Datasheet HTML 4Page - STMicroelectronics THS9001_08 Datasheet HTML 5Page - STMicroelectronics THS9001_08 Datasheet HTML 6Page - STMicroelectronics THS9001_08 Datasheet HTML 7Page - STMicroelectronics THS9001_08 Datasheet HTML 8Page - STMicroelectronics THS9001_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
THS9001
SLOS426B – NOVEMBER 2003 – REVISED JANUARY 2007
FIGURE
S21 Frequency response
1
S22 Frequency response
2
S11 Frequency response
3
S12 Frequency response
4
S21
vs R(Bias)
5
Noise figure
vs Frequency
6
IS
Supply current
vs R(Bias)
7
Output power
vs Input power
8
Adjacent channel (ACPR) and
Alternate channel (AltCPR)
vs Input power
9
protection ratios
OIP2
vs Frequency
10
OIP3
vs Frequency
11
S21 Frequency response
12
S22 Frequency response
13
S11 Frequency response
14
S12 Frequency response
vs Frequency
15
Noise figure
16
OIP2
vs Frequency
17
Output power
vs Input power
18
OIP3
vs Frequency
19
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com