Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29F100BT Datasheet(PDF) 3 Page - STMicroelectronics

Part # M29F100BT
Description  1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F100BT Datasheet(HTML) 3 Page - STMicroelectronics

  M29F100BT Datasheet HTML 1Page - STMicroelectronics M29F100BT Datasheet HTML 2Page - STMicroelectronics M29F100BT Datasheet HTML 3Page - STMicroelectronics M29F100BT Datasheet HTML 4Page - STMicroelectronics M29F100BT Datasheet HTML 5Page - STMicroelectronics M29F100BT Datasheet HTML 6Page - STMicroelectronics M29F100BT Datasheet HTML 7Page - STMicroelectronics M29F100BT Datasheet HTML 8Page - STMicroelectronics M29F100BT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3/22
M29F100BT, M29F100BB
The blocks in the memory are asymmetrically ar-
ranged, see Tables 3 and 4, Block Addresses. The
first or last 64 Kbytes have been divided into four
additional blocks. The 16 Kbyte Boot Block can be
used for small initialization code to start the micro-
processor, the two 8 Kbyte Parameter Blocks can
be used for parameter storage and the remaining
32K is a small Main Block where the application
may be stored.
Chip Enable, Output Enable and Write Enable sig-
nals control the bus operation of the memory.
They allow simple connection to most micropro-
cessors, often without additional logic.
The memory is offered in TSOP48 (12 x 20mm)
and SO44 packages and it is supplied with all the
bits erased (set to ’1’).
Table 2. Absolute Maximum Ratings (1)
Note: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual-
ity documents.
2. Minimum Voltage may undershoot to –2V during transition and for less than 20ns during transitions.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature (Temperature Range Option 1)
0 to 70
°C
Ambient Operating Temperature (Temperature Range Option 6)
–40 to 85
°C
Ambient Operating Temperature (Temperature Range Option 3)
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
Input or Output Voltage
–0.6 to 6
V
VCC
Supply Voltage
–0.6 to 6
V
VID
Identification Voltage
–0.6 to 13.5
V
Table 3. Top Boot Block Addresses
M29F100BT
#
Size
(Kbyte
s)
Address Range
(x8)
Address Range
(x16)
4
16
1C000h-1FFFF h
E000h-FFFFh
3
8
1A000h-1BFFFh
D000h-DFFFh
2
8
18000h-19FFFh
C000h-CFFFh
1
32
10000h-17FFFh
8000h-BFFFh
0
64
00000h-0FFFF h
0000h-7FFFh
Table 4. Bottom Boot Block Addresses
M29F100BB
#
Size
(Kbyte
s)
Address Range
(x8)
Address Range
(x16)
4
64
10000h-1FFFFh
8000h-FFFFh
3
32
08000h-0FFFFh
4000h-7FFFh
2
8
06000h-07FFFh
3000h-3FFFh
1
8
04000h-05FFFh
2000h-2FFFh
0
16
00000h-03FFFh
0000h-1FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com