Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE2061ACD Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2061ACD
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2061ACD Datasheet(HTML) 58 Page - Texas Instruments

Back Button TLE2061ACD Datasheet HTML 54Page - Texas Instruments TLE2061ACD Datasheet HTML 55Page - Texas Instruments TLE2061ACD Datasheet HTML 56Page - Texas Instruments TLE2061ACD Datasheet HTML 57Page - Texas Instruments TLE2061ACD Datasheet HTML 58Page - Texas Instruments TLE2061ACD Datasheet HTML 59Page - Texas Instruments TLE2061ACD Datasheet HTML 60Page - Texas Instruments TLE2061ACD Datasheet HTML 61Page - Texas Instruments TLE2061ACD Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
58
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
macromodel information
Macromodel information provided was derived using Microsim Parts
, the model generation software used
with Microsim PSpice
. The Boyle macromodel (see Note 5) and the subcircuit in Figure 46 were generated
using the TLE206x typical electrical and operating characteristics at 25
°C. Using this information, output
simulations of the following key parameters can be generated to a tolerance of 20% (in most cases).
D Unity-gain frequency
D Common-mode rejection ratio
D Phase margin
D DC output resistance
D AC output resistance
D Short-circuit output current limit
D Maximum positive output voltage swing
D Maximum negative output voltage swing
D Slew rate
D Quiescent power dissipation
D Input bias current
D Open-loop voltage amplification
NOTE 5: G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers”, IEEE Journal
of Solid-State Circuits, SC-9, 353 (1974).
OUT
+
+
+
+
+
+
+
+−
.subckt TLE2062 1 2 3 4 5
c1
11
12 1.457E−12
c2
6
7 15.00E−12
dc
5
53 dx
de
54
5 dx
dlp
90
91 dx
dln
92
90 dx
dp
4
3 dx
egnd 99
0 poly (2) (3,0) (4,0) 0 .5 .5
fb
7
99 poly (5) vb vc ve vlp
+
vln 0 4.357E6 − 4E6 4E6 4E6 − 4E6
ga
6
0 11 12 188.5E−6
gcm
0
6 10 99 3.352E−9
iss
3
10 dc 51.00E−6
hlim 90
0 vlim 1k
j1
11
2 10 jx
j2
12
1 10 jx
r2
6
9 100.0E3
VCC +
rp
IN −
2
IN+
1
VCC −
rd1
11
j1
j2
10
rss
iss
3
12
rd2
ve
54
de
dp
vc
dc
4
C1
53
r2
6
9
egnd
vb
fb
C2
gcm
ga
vlim
8
5
ro1
ro2
hlim
90
dip
91
din
92
vin
vip
99
7
rd1
4
11 5.305E3
rd2
4
12 5.305E3
r01
8
5 280
r02
7
99 280
rp
3
4 113.2E3
rss
10
99 3.922E6
vb
9
0 dc 0
vc
3
53 dc 2
ve
54
4 dc 2
vlim
7
8 dc 0
vlp
91
0
dc 50
vln
0
92 dc 50
.model dx
D(Is=800.0E−18)
.model jx
PJF(Is=2.000E−12 Beta = 423E−6
+ Vto = − 1)
.ends
Figure 46. Boyle Macromodel and Subcircuit
PSpice and Parts are trademarks of MicroSim Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com