Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W160BT100GBT Datasheet(PDF) 33 Page - STMicroelectronics

Part # M28W160BT100GBT
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W160BT100GBT Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M28W160BT100GBT Datasheet HTML 29Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 30Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 31Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 32Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 33Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 34Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 35Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 36Page - STMicroelectronics M28W160BT100GBT Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
33/45
M28W160BT, M28W160BB
REVISION HISTORY
Table 21. Document Revision History
Date
Version
Revision Details
July 1999
-01
First Issue
9/21/99
-02
Parameter Block Erase Typ. specification change
Added tWHGL and tEHGL
10/20/99
-03
µBGA Package Mechanical Data change
Daisy Chain diagrams, Package and PCB Connections, added
2/09/00
-04
Access Time conditions change
Reset mode function change to remove Power Down mode
Instructions description clarification
Change of Parameter Block Erase value
Block Protections description clarification
Security Code Area definition change
IDD2 and IDD3 value change
tPLRH value change
Program, Erase, Command Interface flowcharts clarification
Package Mechanical Data change
µBGA Package Outline diagram change
4/19/00
-05
Daisy Chain part numbering defined
µBGA Daisy Chain diagrams, Package and PCB Connections re-designed
5/17/00
-06
µBGA Package Outline diagram change
1/15/01
-07
TFBGA Package added
CFI specification clarification
3/06/01
-08
Document type : from Preliminary Data to Data Sheet
70ns Speed Class added
3/12/01
-09
4/13/01
-10
Completely rewritten and restructured, 85ns speed class added.
5/29/01
-11
Corrections made to CFI data.
31-May-2001
-12
Corrections to TFBGA46 package dimensions.
30-Oct-2001
-13
VDDQ Maximum changed to 3.3V
Commands Table, Read CFI Query Address on 1st cycle changed to ‘X’ (Table 3)
tWHEL description clarified (Table 13)
16-May-2002
-14
VDDQ Maximum changed to 3.6V, TFBGA and µBGA package dimensions added to
descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com